Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16203/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADIS16203/PCBZ
Description  Programmable 360 Inclinometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16203/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIS16203/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16203/PCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADIS16203
Rev. 0 | Page 18 of 28
SAMPLE PERIOD CONTROL
The output data variables within the ADIS16203 are sampled and
updated at a rate based upon the SMPL_TIME control register. The
sample period can be precisely controlled over more than a three-
decade range using a time base with two settings and a 7-bit binary
count. The use of a time base that varies with a ratio of 1:31 allows
for a more optimum resolution in the sample period than a straight
binary counter. This is reflected in Figure 29, where the frequency is
presented on a logarithmic scale.
Note that the sample period given is defined as the cumulative time
required to sample, process, and update all data output variables. The
data output variables are sampled as a group and in unison with one
another. Whatever update rate is selected for one signal, all output
data variables are updated at the same rate whether they are monitored
via the SPI or not.
For a sample period setting of less than 1098.9 μs (SMPL_TIME ≤
0x07), the overall power dissipation in the part rises by approx-
imately 300%.
256
0
1
10k
FREQUENCY (Hz)
192
128
64
10
100
1k
Figure 29. SMPL_TIME Values vs. Sample Frequency
SMPL_TIME Register Definition
Address
Default1
Format
Access
0x37, 0x36
0x0008
N/A
R/W
1 Default is valid only until the first register write cycle.
The data within this register is nonvolatile, allowing for data
recovery upon reset.
Table 16. SMPL_TIME Bit Descriptions
Bit
Description
15:8
Not used.
7
ADC Time Base Control. The MSB and TMBS set the
time base of the acquisition system to 122.1 μs when
SR7 = 0 vs. 3.784 ms when SR7 = 1.
6:0
ADC Sample Period Count. The lower seven bits, SP6
to SP0, represent a binary count that results in the
combined sample period of the ADC when added to
one and then multiplied by the time base. (The
combined sample period is the period required to
sample and update all seven data outputs.) The
minimum setting for the lower seven bits, SP6 to SP0,
is 0x01. The overall acquisition time can be varied
from 244.2 μs to 15.51 ms in 122.1 μs increments for
TMBS = 0 and from 7.57 ms to 481 ms in 3.784 ms
increments for TMBS = 1. This equates to the sample
rate varying from 4096 SPS to 64.5 SPS for TMBS = 0
and from 132 SPS to 2.08 SPS for TMBS = 1.
FILTERING CONTROL
The ADIS16203 uses two types of filters for the output data. The
INCL_OUT and INCL_180_OUT data outputs use a Bartlett
Window function, and the SUPPLY_OUT, AUX_ADC, and
TEMP_OUT data outputs use a standard moving-averaging
filter. The number of taps set by the AVG_CNT control register
establishes the frequency response. The number of taps can be
derived from the contents of AVG_CNT using the following
equation:
CNT
AVG
N
_
2
=
The following equations characterize the expected behavior of
each filtering approach. Figure 30 and Figure 31 shows the
frequency responses of each filter approach.
Averaging:
(
)
()
s
s
A
t
f
N
t
f
N
f
H
×
×
π
×
×
×
×
π
=
sin
sin
)
(
Bartlett Window:
( )
)
(
2
f
H
f
H
A
B
=
The primary difference in the frequency responses offered by
each approach lies in their side lobes, which are 13 dB better in
the Bartlett Windowing approach. The Bartlett Window filtering
has two times the latency of the moving average filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com