Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4SI2M0020TPIFW Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST4SI2M0020TPIFW
Description  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SI2M0020TPIFW Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST4SI2M0020TPIFW Datasheet HTML 4Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 5Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 6Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 7Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 8Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 9Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 10Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 11Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
5
Card OS technical features
5.1
Supported standards and networks
The ST4SIM-200M solution complies with the standard networks (2G / 3G / 4G LTE) and low power networks
(CAT-M / NB-IoT).
From a technical point of view, the ST4SIM-200M solution integrates all advanced NAAs for eSIM solution:
•
USIM applications providing access to universal mobile telecommunications system (UMTS) networks,
•
IP multimedia services identity module (ISIM) to access IP multimedia subsystem (IMS) networks,
•
CDMA subscriber identity module (CSIM) including CAVE algorithm.
To grant mobile network operators (MNO) the best solution for UICC-centric services either owned by the MNO or
by third parties, the ST4SIM-200M complies with GlobalPlatform® Card Specifications v2.2 (depending on UICC
configuration) and related amendments.
5.2
Algorithms and cryptography
The ST4SIM-200M supports the following standard authentication algorithms:
•
CAVE
•
MILENAGE
•
TUAK
The MILENAGE algorithm enables authorized access to UMTS/LTE networks with an easy and flexible parameter
customization, according to specific MNO requirements.
The TUAK authentication algorithm is supported with both 128-bit key length and 256-bit key length.
In addition to these algorithms, the ST4SIM-200M also supports the "3GPP test algorithm" for test profiles.
In order to increase security performance, the ST4SIM-200M also incorporates a ratification counter that limits
the number of authentication attempts to prevent brute-force attacks designed to break algorithms. In addition, all
algorithms support dedicated DPA/SPA attack countermeasures.
Besides standard symmetric cryptography and hashing algorithms (DES, Triple DES, AES, MD5, and so on), the
ST4SIM-200M provides a cryptographic co-processor with asymmetric cryptography capabilities.
For applications requiring the strongest level of cryptography, the ST4SIM-200M supports:
•
RSA with a key length of up to 2048 bits
•
elliptic curve cryptography (ECC) with a key length of up to 521 bits.
In addition, the ST4SIM-200M fully supports the PKCS#15 standard and offers a rule-based access control
mechanism such as digital signature/certificates for data/applications requiring a strong level of cryptography.
The security algorithm implementation adheres to the chip security guidelines of the ST33G1M2M to guarantee
the best security level (for more information, contact the local STMicroelectronics sales office).
5.3
Over the air (OTA) functionality
The ST4SIM-200M supports over the air protocol for remote application management (RAM) and remote file
management (RFM) compliant with ETSI standard (ETSI TS 102 225 and ETSI TS 102 226 specifications
Release 12).
The RAM application is also fully supported by GlobalPlatform v2.2 and the related amendment B (which enables
remote applet management and remote file management over HTTP/TLS).
TLS v1.0, 1.1 and 1.2 are available in the ST4SIM-200M. In addition, the ST4SIM-200M integrates a DNS
mechanism allowing the card to request the HTTPS server address from a DNS server.
The ST4SIM-200M is able to remotely control the execution of APDU commands over the air, to administrate the
card content. It also allows proactive commands to interact with the host device.
The ST4SIM-200M supports the secured packet structure and the remote APDU structure for (U)SIM toolkit
applications, conforming 3GPP TS 31.115 and TS 31.116 specifications.
The CAT-TP protocol defined by ETSI release 7 is supported.
ST4SIM-200M
Card OS technical features
DB4082 - Rev 5
page 8/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com