Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4SI2M0020TPIFW Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST4SI2M0020TPIFW
Description  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SI2M0020TPIFW Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST4SI2M0020TPIFW Datasheet HTML 5Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 6Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 7Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 8Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 9Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 10Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 11Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 12Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
As it is compliant with the ETSI, 3GPP and 3GPP2, the ST4SIM-200M can easily be integrated into any OTA
platform compliant with relevant standards. STMicroelectronics cards are field-proven to be interoperable with the
mainstream OTA platforms commonly chosen by mobile network operators.
5.4
Memory management
The OTA mechanism includes the support of 3G UICC administrative commands as specified by ETSI TS 102
222.
These commands are integrated by a powerful dynamic memory management that allows complete smart
memory defragmentation.
Dynamic memory management provides:
•
Common space for files, packages, applets and objects
•
Memory recovery on deletion operations
•
Total free memory available in the select MF response.
The OTA mechanism is designed to allow a very fast and silent memory recovery, absolutely safe for the end user
data.
The ST4SIM-200M is capable of enhancing intrinsic Flash memory cells for files requiring intense update and
high reliability.
Memory quota mechanism based on the GlobalPlatform Amendment C (CGM) is supported. The mechanism can
be disabled at card configuration.
Volatile memory management is based on an STMicroelectronics patented mechanism that optimizes the
available resources for the enabled profile while guaranteeing resources for the downloading profile and the
disabled profiles.
ST4SIM-200M
Memory management
DB4082 - Rev 5
page 9/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com