Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4SI2M0020TPIFW Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST4SI2M0020TPIFW
Description  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SI2M0020TPIFW Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST4SI2M0020TPIFW Datasheet HTML 11Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 12Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 13Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 14Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 15Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 16Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 17Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 18Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Figure 13. ST4SIM-200M PCB integration recommendations
GND
SWIO
RST
N/C
I/O
VCC
RST
CLK
N/C
I/O
CLK
GND
VCC
Modem
ST4SIM-200-M
C1
R1
VCC
Note:
C1 decoupling capacitors as recommended in Figure 6. Recommended filtering capacitors on VCC.
R1: 20 kΩ external pull-up recommended on I/O.
7.1.3
Tape and reel packing
Surface-mount packages is available in tape and reel packing . The reels have a 13" nominal diameter and
contain 4000 devices each.
Reels are in, either antistatic or conductive, plastic with a black conductive cavity tape. The cover tape is
transparent antistatic or conductive.
The devices are positioned in the cavities with the identifying pin (normally Pin “1”) on the same side as the
sprocket holes in the tape.
The STMicroelectronics Tape & Reel specifications are compliant to the EIA 481-A standard specification.
Table 5. Packing on tape and reel
Package
Description
Tape width
Tape pitch
Reel diameter
Quantity per reel
VFDFPN8
5 x 6
Flat package, no lead 5 x 6 mm.
12 mm
8 mm
13 in.
4000
ST4SIM-200M
VFDFPN8 package information
DB4082 - Rev 5
page 15/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com