Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4SI2M0020TPIFW Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST4SI2M0020TPIFW
Description  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SI2M0020TPIFW Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST4SI2M0020TPIFW Datasheet HTML 9Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 10Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 11Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 12Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 13Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 14Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 15Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 16Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Table 3. VFDFPN8 - mechanical data
Symbol
Millimeters
Inches (1)
Min
Typ
Max
Min
Typ
Max
A
0.700
0.850
1.000
0.0276
0.0335
0.0393
A1
0
0.020
0.050
0
0.0008
0.0012
A3
-
0.200
-
-
0.0079
-
b
0.350
0.400
0.480
0.0138
0.0157
0.0189
D
-
5.000
-
-
0.1969
-
E
-
6.000
-
-
0.2362
-
e
-
1.270
-
-
0.0500
-
L
0.400
0.500
0.600
0.0157
0.0197
0.0236
D2
4.100
4.200
4.300
0.1614
0.1654
0.1693
E2
3.300
3.400
3.500
0.1299
0.1339
0.1378
1. The dimensions are converted from mm and rounded to 4 decimal digits.
7.1.1
Wettable flank for manufacture of inspectable solder joint
Traditional lead free packages tend be critical components in high reliability application, due to inspection issues
of the solder joint between the leads and the PCB pads.
Figure 8. Regular DFN (non-wettable flank)
Figure 9. DFN wettable flank
VFDFPN8 package is constructed with "WETTABLE" flanks, a "dimpled" pad formed during the half-etching step
of the lead frame manufacturing process.
The wettable flank feature, in conjunction with an optimized board mount process, promotes formation of solder
joints which can be easily inspected. The presence of a solder fillet improves the inspection capability of the
solder joints by automated optical inspection.
ST4SIM-200M
VFDFPN8 package information
DB4082 - Rev 5
page 13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com