Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4SI2M0020TPIFW Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST4SI2M0020TPIFW
Description  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SI2M0020TPIFW Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST4SI2M0020TPIFW Datasheet HTML 14Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 15Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 16Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 17Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 18Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 19Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 20Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 21Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
7.2
2FF, 3FF or 4FF plugin card package information (based on D16 micromodule)
The ST4SIM-200M card is based on flexible plastic chip cards, composed of ABS and Polycarbonate, improving
all round resistance in an industrial environment. This card contains a STMicroelectronics industrial grade D16
micromodule.
All elements; card and micromodule, are designed to run at a temperature of -40 °C to +105 °C.
The ST4SIM-200M is available for different card plugin packages as detailed in the table below.
Table 7. SIM plugin package types and dimensions
Package
Mini SIM (2FF)
Micro SIM (3FF)
Nano SIM (4FF)
Package format
Height
25 mm (±0.1 mm)
15 mm (±0.1 mm)
12.3 mm (±0.1 mm)
Width
15 mm (±0.1 mm)
12 mm (±0.1 mm)
8.8 mm (±0.1 mm)
Thickness
0.76 mm (±0.08 mm)
0.76 mm (±0.08 mm)
0.67 mm (+ 0.03 mm / - 0.07 mm)
Note:
These formats comply to the ISO/IEC 7810 and ETSI TS 102 221 standards.
7.2.1
D16 micromodule pinout information
The contact of D16 micromodule are compliant with ISO/IEC 7816-3 standard. The contact assignment layout is
given in the figure below and contact description is in the following table.
ST4SIM-200M
2FF, 3FF or 4FF plugin card package information (based on D16 micromodule)
DB4082 - Rev 5
page 18/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com