Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4SI2M0020TPIFW Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST4SI2M0020TPIFW
Description  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SI2M0020TPIFW Datasheet(HTML) 1 Page - STMicroelectronics

  ST4SI2M0020TPIFW Datasheet HTML 1Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 2Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 3Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 4Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 5Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 6Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 7Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 8Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
WLCSP11
VFDFPN8
5 × 6 mm, Wettable
flanks (MFF2)
WLCSP11
Card plugin 2FF, 3FF or 4FF (Based on
D16 micromodule)
Features
•
Remote SIM provisioning compliant with GSMA M2M and SIMalliance
specifications
•
Bootstrap connectivity profile provided by a trusted partner
•
Up to 7 connectivity profiles (depending on memory size)
•
Compliant with 2G / 3G / 4G (LTE) / CDMA / NB-IoT / CAT–M networks
•
Network access applications supported: SIM / USIM / ISIM / CSIM
•
Secure element access control (ARF / PKCS#15)
•
OTA capability over SMS, CAT-TP & HTTPS (including DNS)
•
Multi-interfaces able to combine eSIM + eSE
Hardware
•
Product available on ST33G1M2M
•
ST33 product based on a 32-bit Arm® SecurCore® SC300™ RISC core
•
Supply voltage: Class A (5 V), Class B (3 V), Class C (1.8 V)
•
Asynchronous serial I/O port ISO/IEC 7816-3 compatible (T=0 protocol)
•
Serial peripheral interface (SPI), depending on packages
•
Industrial qualification (JEDEC JESD47)
•
Operating temperature: -40°C to +105°C
•
Common Criteria EAL5+
ECOPACK-compliant packages
•
2FF, 3FF or 4FF plugin card (based on D16 micromodule)
•
VFDFPN8 5 × 6 mm, wettable flank (MFF2)
•
WLCSP11
Security
•
Symmetric cryptography DES / 3DES / AES
•
Asymmetric cryptography RSA (up to 2048 bits)
•
HTTPS remote management TLS v1.0, v1.1 and v1.2
•
Elliptic curve cryptography (up to 521 bits) including preloaded curve NIST
P-256 and brainpool P256r1
•
Authentication algorithm: MILENAGE, TUAK, CAVE
Software standard compliance
•
GSMA SGP.02 v3.2
•
SIMalliance interoperable profile v2.1
•
Java® Card v3.0.4 Classic
•
GlobalPlatform® card specification v2.2, including GP amendments A, B, C, D
and E
•
ETSI, 3GPP and 3GPP2 release 12 (for further information, contact the local
STMicroelectronics sales office)
•
Power saving features (PSM and eDRX) defined by ETSI release 13
Product status link
ST4SIM-200M
eSIM GSMA system-on-chip solution for secure M2M industrial applications
ST4SIM-200M
Data brief
DB4082 - Rev 5 - January 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST4SI2M0020TPIFW

ManufacturerPart #DatasheetDescription
logo
Antex (Electronics) Lim...
ST4 ANTEX-ST4 Datasheet
51Kb / 1P
Sponge
ST4 ANTEX-ST4 Datasheet
68Kb / 1P
ST4
logo
Superworld Electronics
ST4-10 SUPERWORLD-ST4-10 Datasheet
110Kb / 1P
POWER TRANSFORMER
logo
Samtec, Inc
ST4-10-1.00-L-D-P-TR SAMTEC-ST4-10-1.00-L-D-P-TR Datasheet
873Kb / 1P
ULTRA FINE PITCH HEADER & SOCKET
ST4-10-1.50-L-D-P-TR SAMTEC-ST4-10-1.50-L-D-P-TR Datasheet
873Kb / 1P
ULTRA FINE PITCH HEADER & SOCKET
More results

Similar Description - ST4SI2M0020TPIFW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2530F32_0912 TI-CC2530F32_0912 Datasheet
856Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2533 TI-CC2533 Datasheet
887Kb / 34P
An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
CC2530F32 TI-CC2530F32_1 Datasheet
716Kb / 30P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2533 TI-CC2533_11 Datasheet
757Kb / 34P
An Optimized System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 Remote Control Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
rfsolutions.ltd
M100EVO RFSOLUTIONS-M100EVO Datasheet
2Mb / 2P
perfect solution for demanding M2M applications.
logo
Texas Instruments
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com