Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4SI2M0020TPIFW Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST4SI2M0020TPIFW
Description  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SI2M0020TPIFW Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST4SI2M0020TPIFW Datasheet HTML 18Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 19Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 20Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 21Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 22Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 23Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 24Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 25Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
List of figures
Figure 1.
SIM solution overview ............................................................... 4
Figure 2.
eSIM solution overview .............................................................. 4
Figure 3.
eSIM GSMA solution overview ......................................................... 5
Figure 4.
eSIM architecture overview ........................................................... 5
Figure 5.
ST4SIM-200M architecture eSIM & eSE overview ............................................ 7
Figure 6.
Recommended filtering capacitors on VCC ................................................ 10
Figure 7.
VFDFPN8 - outline ................................................................ 12
Figure 8.
Regular DFN (non-wettable flank) ...................................................... 13
Figure 9.
DFN wettable flank ................................................................ 13
Figure 10.
Solder joint side view............................................................... 14
Figure 11.
Solder joint top view ............................................................... 14
Figure 12.
VFDFPN8 pinout (top view) .......................................................... 14
Figure 13.
ST4SIM-200M PCB integration recommendations........................................... 15
Figure 14.
13 " reel diagram ................................................................. 16
Figure 15.
Leader and trailer ................................................................. 16
Figure 16.
Embossed carrier tape for VFDFPN8 (5 × 6 mm) ........................................... 17
Figure 17.
Component orientation ............................................................. 17
Figure 18.
D16 micromodule contact assignment ................................................... 19
ST4SIM-200M
List of figures
DB4082 - Rev 5
page 25/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com