Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4SI2M0020TPIFW Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST4SI2M0020TPIFW
Description  eSIM GSMA system-on-chip solution for secure M2M industrial applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4SI2M0020TPIFW Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST4SI2M0020TPIFW Datasheet HTML 6Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 7Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 8Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 9Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 10Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 11Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 12Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 13Page - STMicroelectronics ST4SI2M0020TPIFW Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
6
Electrical characteristics
This section summarizes the operating and measurement conditions, and the DC and AC characteristics of the
device. The parameters in the DC and AC characteristic tables that follow are derived from tests performed under
the measurement conditions summarized in the relevant tables. Users should check that the operating conditions
in their circuit match the measurement conditions when relying on the quoted parameters.
6.1
Absolute maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
–0.3 to 6.5
V
VIO
Input or output voltage relative to ground
–0.3 to VCC +0.3
V
TA
Ambient operating temperature
–40 to +105
°C
TSTG
Storage temperature (Please refer to package specification)
–65 to +150
°C
TLEAD
Lead temperature during soldering
See (1)
°C
VESD
Electrostatic discharge voltage according to JESD22-A114, Human Body Model
4000
V
1. Compliant with JEDEC standard J-STD-020D (for small-body, Sn-Pb or Pb-free assembly), the ST ECOPACK® 7191395
specification, and the European directive on Restrictions on Hazardous Substances (RoHS directive 2011/65/EU of July
2011).
Note:
Stresses listed above may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operational sections of the
specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
6.2
Recommended power supply filtering
As mentioned in Section 7.1.2 Pinout information, the power supply of the circuit must be filtered using the circuit
shown in the following figure.
Figure 6. Recommended filtering capacitors on VCC
Interface device
I/O
CLK
RST
Vcc
GND
100 nF
1 µF
+
-
ST4SIM-200M
Electrical characteristics
DB4082 - Rev 5
page 10/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com