Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950818 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950818 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS950818 Datasheet HTML 1Page - Renesas Technology Corp ICS950818 Datasheet HTML 2Page - Renesas Technology Corp ICS950818 Datasheet HTML 3Page - Renesas Technology Corp ICS950818 Datasheet HTML 4Page - Renesas Technology Corp ICS950818 Datasheet HTML 5Page - Renesas Technology Corp ICS950818 Datasheet HTML 6Page - Renesas Technology Corp ICS950818 Datasheet HTML 7Page - Renesas Technology Corp ICS950818 Datasheet HTML 8Page - Renesas Technology Corp ICS950818 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ICS950818
Default Setup of Byte 11-17
Bvtes
CPU (MHz)
SS%
11
12
13
14
15
16
17
100.00
0
8E
B7
F8
17
94
95
OF
100.00
Oto-0.5%
8D
9A
F2
17
94
95
OF
100.00
Oto-1%
90
ED
EE
17
94
95
OF
100.00
+/-
0.25%
8E
B7
OA
18
94
95
OF
100.00
+/-
0.50%
8E
B7
06
18
94
95
OF
100.00
+/-
1.0%
8E
B7
15
18
94
95
OF
Bytes
CPU (MHz)
SS%
11
12
13
14
15
16
17
166.66
0
87
9B
F8
27
A4
A6
OF
166.66
Oto-0.5%
87
9A
EE
27
A4
A6
OF
166.66
0to-1%
86
6B
E5
27
A4
A6
OF
166.66
+/-
0.25%
87
9B
15
28
A4
A6
OF
166.66
+/-
0.50%
87
9B
10
28
A4
A6
OF
166.66
+/-
1.0%
87
9B
28
28
A4
A6
OF
Bytes
CPU (MHz)
SS%
11
12
13
14
15
16
17
133.33
0
86
22
F9
1F
C4
CB
OF
133.33
Oto-0.5%
8B
DB
FO
1F
C4
CB
OF
133.33
0to-1%
87
46
EB
1F
C4
CB
OF
133.33
+/-
0.25%
86
22
10
20
C4
CB
OF
133.33
+/-
0.50%
86
22
QC
20
C4
CB
OF
133.33
+/-
1.0%
86
22
1F
20
C4
CB
OF
Bytes
CPU (MHz)
SS%
11
12
13
14
15
16
17
200.00
0
86
B7
FB
2F
D4
D9
OF
200.00
Oto-0.5%
86
B6
FO
2F
D4
D9
OF
200.00
Oto-1%
84
46
E4
2F
D4
D9
OF
200.00
+/-
0.25%
86
B7
1D
30
D4
D9
OF
200.00
+/-
0.50%
86
B7
17
30
D4
D9
OF
200.00
+/-
1.0%
86
B7
34
30
D4
D9
OF
0825F-11/19/03
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com