Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950818 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950818 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICS950818 Datasheet HTML 12Page - Renesas Technology Corp ICS950818 Datasheet HTML 13Page - Renesas Technology Corp ICS950818 Datasheet HTML 14Page - Renesas Technology Corp ICS950818 Datasheet HTML 15Page - Renesas Technology Corp ICS950818 Datasheet HTML 16Page - Renesas Technology Corp ICS950818 Datasheet HTML 17Page - Renesas Technology Corp ICS950818 Datasheet HTML 18Page - Renesas Technology Corp ICS950818 Datasheet HTML 19Page - Renesas Technology Corp ICS950818 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ICS950818
CPU_STOP# - De-assertion (transition from logic "O" to logic "1")
All CPU outputs that were stopped are to resume normal operation in a glitch free manner. The maximum latency from
the de-assertion to active outputs is to be defined to be between 2 - 6 CPU clock periods (2 clocks are shown). If the
SMBus Bit 6 of Byte 1 is programmed to "1" then the stopped CPU outputs will be driven High within 10 nS of CPU_Stop#
de-assertion.
De-assertion of CPU_STOP# Waveforms
CPU_STOP#
====i=�===;--;::::::;--;:::::::;-;:::::::--;:::::-;::::;--;::::::;--;::::::;--;:::::::--;:::::-;::::;--;::::::;--;:�;::::::;
CPUCLKT(2:0)
Tdrive_CPU_STOP# <10ns@200mV
*CPUCLKT(2:0)TS
*Signal TS is CPUCLKT in Tri-State mode
PD# - Assertion (transition from logic "1" to logic "O")
When PWRDWN# is sampled low by two consecutive rising edges of CPU clock, then all clock outputs except CPU
clocks must be held low on their next high to low transitions. When the SMBUS Bit 6 of Byte O is programmed to 'O'
CPU clocks must be held with the CPU clock pin driven high with a value of 2 x lref, and CPU# undriven. If Bit 6 of
Byte O is '1' then both CPU and CPU# are undriven. Note the example below shows CPU = 133 MHz and Bit 6 of Byte
0 = 'O', this diagram and description is applicable for all valid CPU frequencies 66, 100, 133, 200 MHz.
Due to the state if the internal logic, stopping and holding the REF clock outputs in the LOW state may require more than
one clock cycle to complete.
Power Down Assertion of Waveforms
I Ons
1
PD#
CPUCLKT 100MHz
CPUCLKC 100MHz
3V66MHz 1---.....
PCICLK 33MHz
USB48MHz
REF 14.318MHz
PD# Functionality
PD#
CPUCLKT
1
Normal
0
iref * Mult
0825F-11/19/03
CPUCLKC
Normal
Float
1 son�
3V66
PCICLK_F
USB/DOT
PCICLK
48MHz
66MHz
33MHz
48MHz
Low
Low
Low
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com