Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950818 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950818 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ICS950818 Datasheet HTML 12Page - Renesas Technology Corp ICS950818 Datasheet HTML 13Page - Renesas Technology Corp ICS950818 Datasheet HTML 14Page - Renesas Technology Corp ICS950818 Datasheet HTML 15Page - Renesas Technology Corp ICS950818 Datasheet HTML 16Page - Renesas Technology Corp ICS950818 Datasheet HTML 17Page - Renesas Technology Corp ICS950818 Datasheet HTML 18Page - Renesas Technology Corp ICS950818 Datasheet HTML 19Page - Renesas Technology Corp ICS950818 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ICS950818
N
6.10 mm. Body, 0.50 mm. Pitch TSSOP
(240 mil)
(20 mil)
In Millimeters
In Inches
SYMBOL COMMON DIMENSIONS COMMON DIMENSIONS
INDEX
AREA
A2i@EiJm��
�-c-
A
A1
A2
b
C
D
E
E1
e
L
N
a
aaa
VARIATIONS
N
48
MIN
MAX
--
1.20
0.05
0.15
0.80
1.05
0.17
0.27
0.09
0.20
SEE VARIATIONS
8.10 BASIC
6.00
6.20
0.50 BASIC
0.45
0.75
SEE VARIATIONS
oo
so
--
0.10
Dmm.
MIN
I MAX
12.40
I 12.60
�
J
t _JI
\_sEATING
b
+
PLANE
Reference Doc.: JEDEC Publication 95, M0-153
10-0039
o aaa C
6.10mm. Body, 0.50mm. pitch TSSOP
(240mil)
(20mil)
Ordering Information
ICS950818yGT
Example:
ICS95 XXXX
G-T
-...---
- 1 T Designationfortapeandreelpackaging
Package Type
G=TSSOP
-----
Revision Designator
(will not correlate with datasheet revision)
.________
DeviceType
.____________
Prefix
ICS, AV= Standard Device
0825F-11/19/03
20
MIN
MAX
--
.047
.002
.006
.032
.041
.007
.011
.0035
.008
SEE VARIATIONS
0.319 BASIC
.236
.244
0.020 BASIC
.018
.030
SEE VARIATIONS
oo
so
--
.004
D (inch)
MIN
I MAX
.488
I .496



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com