Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950818 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950818 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS950818 Datasheet HTML 9Page - Renesas Technology Corp ICS950818 Datasheet HTML 10Page - Renesas Technology Corp ICS950818 Datasheet HTML 11Page - Renesas Technology Corp ICS950818 Datasheet HTML 12Page - Renesas Technology Corp ICS950818 Datasheet HTML 13Page - Renesas Technology Corp ICS950818 Datasheet HTML 14Page - Renesas Technology Corp ICS950818 Datasheet HTML 15Page - Renesas Technology Corp ICS950818 Datasheet HTML 16Page - Renesas Technology Corp ICS950818 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Electrical Characteristics - 3V66
TA= O - 90°C; VDD=3.3V +/-5%; CL= 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
Output Impedance
RosP1
1
Vo = Voo*(0.5)
Average Period
TPERIOD
Fig. 8
Output High Voltage
VoH1
loH = -1 mA
Output Low Voltage
VoL
1
loL= 1 mA
Output High Current
loH
1
V oH = 1.0 V
V OH = 3.135 V
Output Low Current
loL
1
VoL= 1.95 V
VoL= 0.4 V
Rise Time
tr11
VoL= 0.4 V, VoH = 2.4 V (Fig. 7)
Fall Time
t111
VoH = 2.4 V, VoL= 0.4 V (Fig. 7)
Duty Cycle
d111
VT= 1.5 V (Fig. 8)
Skew
lsk1
1
VT= 1.5 V
Jitter
tieve-eve
1
VT= 1.5 V (Fig. 8)
0
Guaranteed by design, not 1001/o tested in production.
Electrical Characteristics - VCH, 48MHz DOT, 48MHz, USB
TA= 0 - 90°C; VDD=3.3V +/-5%; CL= 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
Output Frequency
Fo1
Fig. 8
Output Impedance
RosP1
1
Vo = Vo0*(0.5)
Output High Voltage
VoH1
loH = -1 mA
Output Low Voltage
VoL1
loL= 1 mA
Output High Current
loH1
V OH = 1.0 V
V oH = 3.135 V
Output Low Current
loL1
VoL= 0.4 V
VoL1.95 V
48DOT Rise Time
tr11
VoL= 0.4 V, VoH = 2.4 V (Fig. 7)
48DOT Fall Time
t111
VoH = 2.4 V, VoL= 0.4 V (Fig. 7)
VCH 48 USB Rise Time
tr11
VoL= 0.4 V, VoH = 2.4 V (Fig. 7)
VCH 48 USB Fall Time
t111
VoH = 2.4 V, VoL= 0.4 V (Fig. 7)
48 DOT Duty Cycle
d111
VT= 1.5 V (Fig. 8)
VCH 48 USB Duty Cycle
d111
VT= 1.5 V (Fig. 8)
48 DOT Jitter
ticvc-cvc
1
VT= 1.5 V (Fig. 8)
USB to DOT Skew
lsk1
1
VT= 1.5 V (0 OR 180 degrees)
VCH Jitter
ticvc-cvc
1
VT= 1.5 V (Fig. 8)
1Guaranteed by design, not 100% tested in production.
0825F-11/19/03
13
ICS950818
MIN
TYP
MAX
UNITS
12
64.50
65
Q
15.00 15.01 15.30
ns
2.05
3.24
V
0.06
0.65
V
-90
-33
-33
-14
mA
26
35
103
38
0.5
1.74
2.3
ns
0.5
1.45
2.3
ns
45
52.05
55
%
13.50
250
ps
158.75 290
ps
MIN
TYP
MAX
UNITS
48.008
MHz
20
52.50
70
Q
2.05
3.24
V
0.06
0.5
V
-53
-29
mA
-20
-7
21
27
mA
25
60
0.5
0.86
1.15
ns
0.5
0.86
1.15
ns
1
1.37
2.3
ns
1
1.37
2.3
ns
45
51.10
55
%
45
52.80
55
%
182.63 410
ps
0.13
1
ns
153.25 410
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com