Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950818 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950818 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS950818 Datasheet HTML 1Page - Renesas Technology Corp ICS950818 Datasheet HTML 2Page - Renesas Technology Corp ICS950818 Datasheet HTML 3Page - Renesas Technology Corp ICS950818 Datasheet HTML 4Page - Renesas Technology Corp ICS950818 Datasheet HTML 5Page - Renesas Technology Corp ICS950818 Datasheet HTML 6Page - Renesas Technology Corp ICS950818 Datasheet HTML 7Page - Renesas Technology Corp ICS950818 Datasheet HTML 8Page - Renesas Technology Corp ICS950818 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ICS950818
BYTE
Affected Pin
Control Function
Type
Bit Control
0
Pin #
Name
0
1
PWD
Bit7
-
Spread Enabled
Spread Spectrum Control
RW
OFF
ON
0
Power down mode output level
Bit 6
-
CPUCLKT(1 :0)
0= CPU driven in power down
RW
x2 IREF
Hi-Z
0
1= undriven
Bit 5
31
3V66 1NCH CLK
VCH/66.66 Select
RW
66.66
48.00
0
Bit4
44
CPU STOP#
Reflects value of pin
R
Stop
Active
X
Bit3
30
PCI_STOP#
Reflects value of pin at power up.
RW
Stop
Active
X
Also can be set.
Bit2
-
-
(Reserved)
R
-
-
X
Bit 1
46
FS1
Freauencv Selection
R
-
-
X
Bit 0
36
FS0
Freauencv Selection
R
-
-
X
Note: For PCI_STOP# function, refer to table2.
BYTE
Affected Pin
Control Function
Type
Bit Control
1
Pin #
Name
0
1
PWD
Bit7
-
-
(Reserved)
R
-
-
X
CPU_Stop mode output level
Bit 6
-
CPUCLKT(1 :0)
0= CPU driven when stopped
RW x2 IREF Hi-Z
0
1 = undriven
Bit 5
39,38
CPUCLKT1 ,CPUCLKC1
Allow control of output with
RW
Not
Freerun
0
(see note)
assertion of CPU STOP#.
Freerun
Bit4
43,42
CPUCLKT0,CPUCLKC0
Allow control of output with
RW
Not
Freerun
0
(see note)
assertion of CPU STOP#.
Freerun
Bit3
-
-
(Reserved)
R
-
-
X
Bit2
39,38
CPUCLKT1 , CPUCLKC1
Output control
RW Disable Enable
1
Bit 1
43,42
CPUCLKT0, CPUCLKC0
Output control
RW Disable Enable
1
Bit 0
-
-
(Reserved)
R
-
-
X
Note: CPUCLK(1 :0) can be turned on/off by CPU_STOP#. Refer to table3.
BYTE
Affected Pin
Control Function
Type
Bit Control
2
Pin #
Name
0
1
PWD
Bit7
47
REF
1X or 0.5X Strength control
RW
1X
0.5X
0
Bit 6
14
PCICLK5
Output control
RW Disable Enable
1
Bit 5
13
PCICLK4
Output control
RW Disable Enable
1
Bit4
12
*PCICLK3
Output control
RW Disable Enable
1
Bit3
-
-
Reserved
X
-
-
1
Bit2
10
*PCICLK2
Output control
RW
Disable
Enable
1
Bit 1
9
PCICLK1
Output control
RW
Disable
Enable
1
Bit 0
8
PCICLK0
Output control
RW
Disable
Enable
1
Note: PCICLK(5 :0) can be turned on/off by PCI_STOP#. Refer to table2.
0825F-11/19/03
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com