Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950818 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950818 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS950818 Datasheet HTML 3Page - Renesas Technology Corp ICS950818 Datasheet HTML 4Page - Renesas Technology Corp ICS950818 Datasheet HTML 5Page - Renesas Technology Corp ICS950818 Datasheet HTML 6Page - Renesas Technology Corp ICS950818 Datasheet HTML 7Page - Renesas Technology Corp ICS950818 Datasheet HTML 8Page - Renesas Technology Corp ICS950818 Datasheet HTML 9Page - Renesas Technology Corp ICS950818 Datasheet HTML 10Page - Renesas Technology Corp ICS950818 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ICS950818
BYTE
Affected Pin
Control Function
Type
Bit Control
6
Pin#
Name
0
1
PWD
Bit 7
X
Revision ID Bit 3
R
-
-
0
Bit 6
X
Revision ID Bit 2
Revision ID Value Based on
R
-
-
0
Bit 5
X
Revision ID Bit 1
Device Revision
R
-
-
0
Bit4
X
Revision ID Bit 0
R
-
-
0
Bit 3
X
Vendor ID Bit 3
(Reserved)
R
-
-
0
Bit 2
X
Vendor ID Bit 2
(Reserved)
R
-
-
0
Bit 1
X
Vendor ID Bit 1
(Reserved)
R
-
-
0
Bit 0
X
Vendor ID Bit 0
(Reserved)
R
-
-
1
BYTE
Affected Pin
Control Function
Type
Bit Control
7
Pin#
Name
0
1
PWD
Bit 7
X
-
(Reserved)
X
-
-
0
Bit 6
X
-
(Reserved)
X
-
-
0
Bit 5
X
-
(Reserved)
X
-
-
0
Bit4
X
-
(Reserved)
X
-
-
0
Bit 3
X
-
(Reserved)
X
-
-
1
Bit 2
X
-
(Reserved)
X
-
-
1
Bit 1
X
-
(Reserved)
X
-
-
1
Bit 0
X
-
(Reserved)
X
-
-
0
BYTE
Affected Pin
Control Function
Type
Bit Control
8
Pin#
Name
0
1
PWD
Bit 7
X
-
(Reserved)
X
-
-
0
Bit 6
X
-
(Reserved)
X
-
-
0
Bit 5
X
-
(Reserved)
X
-
-
0
Bit4
X
-
(Reserved)
X
-
-
0
Bit 3
X
-
R
-
-
1
Bit 2
X
-
R
-
-
1
Bit 1
X
-
Readback Byte Count
R
-
-
1
Bit 0
X
-
R
-
-
1
Note: Byte 8 is for ICS test only. Do not write as system damage may occur. Bit(3:0) contain the readback Byte count.
BYTE
Affected Pin
Control Function
Type
Bit Control
9
Pin#
Name
0
1
PWD
Bit 7
X
-
(Reserved)
X
-
-
0
Bit 6
X
-
(Reserved)
X
-
-
0
Bit 5
X
-
(Reserved)
X
-
-
0
Bit4
X
-
(Reserved)
X
-
-
0
Bit 3
X
-
(Reserved)
X
-
-
0
Bit 2
X
-
(Reserved)
X
-
-
0
Bit 1
X
-
(Reserved)
X
-
-
0
Bit 0
X
-
(Reserved)
X
-
-
0
0825F-11/19/03
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com