Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950818 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950818 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS950818 Datasheet HTML 4Page - Renesas Technology Corp ICS950818 Datasheet HTML 5Page - Renesas Technology Corp ICS950818 Datasheet HTML 6Page - Renesas Technology Corp ICS950818 Datasheet HTML 7Page - Renesas Technology Corp ICS950818 Datasheet HTML 8Page - Renesas Technology Corp ICS950818 Datasheet HTML 9Page - Renesas Technology Corp ICS950818 Datasheet HTML 10Page - Renesas Technology Corp ICS950818 Datasheet HTML 11Page - Renesas Technology Corp ICS950818 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ICS950818
BYTE
Affected Pin
Control Function
Type
Bit Control
10
Pin#
Name
0
1
PWD
Bit?
X
-
MIN Enable (Enable access to
RW
HW/B0
Byte
0
Bvte 11 - 14)
(11-14)
Bit 6
X
-
Reserved
X
-
-
0
Bit5
X
-
Reserved
X
-
-
1
Bit 4
X
-
Reserved
X
-
-
1
Bit 3
X
-
Reserved
X
-
-
1
Bit 2
X
-
Reserved
X
-
-
1
Bit 1
X
-
Reserved
X
-
-
1
Bit 0
X
-
(Reserved)
X
-
-
0
BYTE
Affected Pin
Control Function
Type
Bit Control
11
Pin#
Name
0
1
PWD
Bit?
X
-
VCO Divider Bit8
RW
-
-
X
Bit 6
X
-
REF Divider Bit6
RW
-
-
X
Bit5
X
-
REF Divider Bit5
RW
-
-
X
Bit4
X
-
REF Divider Bit4
RW
-
-
X
Bit 3
X
-
REF Divider Bit3
RW
-
-
X
Bit2
X
-
REF Divider Bit2
RW
-
-
X
Bit 1
X
-
REF Divider Bit1
RW
-
-
X
Bit 0
X
-
REF Divider Bit0
RW
-
-
X
Note: The decimal representation of these7 bits (Byte 11 bit[ 6:0]) + 2 is equal to the REF divider value.
BYTE
Affected Pin
Control Function
Type
Bit Control
12
Pin#
Name
0
1
PWD
Bit?
X
-
VCO Divider Bit?
RW
-
-
X
Bit6
X
-
VCO Divider Bit6
RW
-
-
X
Bit5
X
-
VCO Divider Bit5
RW
-
-
X
Bit4
X
-
VCO Divider Bit4
RW
-
-
X
Bit3
X
-
VCO Divider Bit3
RW
-
-
X
Bit2
X
-
VCO Divider Bit2
RW
-
-
X
Bit1
X
-
VCO Divider Bit1
RW
-
-
X
Bit 0
X
-
VCO Divider Bit0
RW
-
-
X
Note: The decimal representation of these 9 bits (Byte 12 bit[?:01) and Byte 11 bit [71) + 8 is equal to the VCO divider value.
BYTE
Affected Pin
Control Function
Type
Bit Control
13
Pin#
Name
0
1
PWD
Bit?
X
-
Spread Spectrum Bit?
RW
-
-
X
Bit 6
X
-
Spread Spectrum Bit6
RW
-
-
X
Bit5
X
-
Spread Spectrum Bit5
RW
-
-
X
Bit 4
X
-
Spread Spectrum Bit4
RW
-
-
X
Bit 3
X
-
Spread Spectrum Bit3
RW
-
-
X
Bit 2
X
-
Spread Spectrum Bit2
RW
-
-
X
Bit 1
X
-
Spread Spectrum Bit1
RW
-
-
X
BitO
X
-
Spread Spectrum Bit0
RW
-
-
X
Note: Please utilize software utility provided by ICS Application Engineering to configure spread spectrum. Incorrect spread
percentage may cause system failure.
0825F-11/19/03
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com