Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950818 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950818 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS950818 Datasheet HTML 8Page - Renesas Technology Corp ICS950818 Datasheet HTML 9Page - Renesas Technology Corp ICS950818 Datasheet HTML 10Page - Renesas Technology Corp ICS950818 Datasheet HTML 11Page - Renesas Technology Corp ICS950818 Datasheet HTML 12Page - Renesas Technology Corp ICS950818 Datasheet HTML 13Page - Renesas Technology Corp ICS950818 Datasheet HTML 14Page - Renesas Technology Corp ICS950818 Datasheet HTML 15Page - Renesas Technology Corp ICS950818 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ICS950818
Electrical Characteristics -CPU (0.7V Select) 100MHz
TA= 0 - 90°C; VDD=3.3V +/-5%; CL= 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX UNITS
Current Source Output
Zo1
Vo = Vx
3000
-
Q
Impedance
Average Period
TPERIOD
Fig. 1
10.00 10.02 10.20
ns
Voltaae Hiah
VHiah
Statistical measurement on single ended signal
660
757.1
850
mV
Voltaae Low
VLow
usina oscilloscope math function.
-150
9.067
150
Max Voltaae
Vovs
Measurement on single ended signal using
774.7
1150
mV
Min Voltaae
Vuds
absolute value.
-450
3
Crossina Voltaae (abs)
Vcross(abs)
Fia. 3
250
386.1
550
mV
Crossing Voltage (var)
d-Vcross
Variation of crossing over all edges (Fig. 4)
41.57
140
mV
Rise Time
tr
Vol = 0.175V, VoH = 0.525V (Fig. 3)
175
552.8
810
ps
Fall Time
tt
VoH = 0.525V Vol = 0.175V (Fig. 3)
175
558.7
810
ps
Rise Time Variation
d-tr
34.25
125
ps
Fall Time Variation
d-t1
45.5
125
ps
Duty Cycle
d13
Measurement from differential wavefrom (Fig 1)
45
50.58
55
%
Skew
tsk3
VT= 50%
60.5
100
ps
Jitter, Cycle to cycle
ticvc-cvc1
VT= 50% (Fig. 1)
65.25
175
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics -CPU (0.7V Select) 133.33MHz
TA= O - 90°C; VDD=3.3V +/-5%; CL= 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX UNITS
Current Source Output
Zo1
Vo = Vx
3000
-
Q
lmoedance
Average Period
TPERIOD
Fig. 1
7.50
7.58
7.65
ns
Voltaae Hiah
VHiah
Statistical measurement on single ended signal
660
757
850
mV
Voltaae Low
VLow
usina oscilloscooe math function.
-150
9
150
Max Voltaae
Vovs
Measurement on single ended signal using
775
1150
mV
Min Voltaae
Vuds
absolute value.
-450
3
Crossing Voltage (abs)
Vcross(abs)
Fig. 3
250
386
550
mV
Crossina Voltaae (var)
d-Vcross
Variation of crossina over all edaes (Fia. 4)
42
140
mV
Rise Time
tr
Vol = 0.175V, VoH = 0.525V (Fig. 3)
175
553
810
ps
Fall Time
ti
VoH = 0.525V Vol = 0.175V (Fig. 3)
175
559
810
ps
Rise Time Variation
d-tr
34
125
ps
Fall Time Variation
d-t1
46
125
ps
Duty Cycle
d13
Measurement from differential wavefrom (Fig 1)
45
51
55
%
Skew
tsk3
VT= 50%
61
100
ps
Jitter, Cycle to cycle
t;cvc-cvc1
VT= 50% (Fig. 1)
65
175
ps
1Guaranteed by design, not 100% tested in production.
0825F-11/19/03
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com