Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1802AC Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CDP1802AC
Description  High-Reliability CMOS 8-Bit Microprocessor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CDP1802AC Datasheet(HTML) 4 Page - Renesas Technology Corp

  CDP1802AC Datasheet HTML 1Page - Renesas Technology Corp CDP1802AC Datasheet HTML 2Page - Renesas Technology Corp CDP1802AC Datasheet HTML 3Page - Renesas Technology Corp CDP1802AC Datasheet HTML 4Page - Renesas Technology Corp CDP1802AC Datasheet HTML 5Page - Renesas Technology Corp CDP1802AC Datasheet HTML 6Page - Renesas Technology Corp CDP1802AC Datasheet HTML 7Page - Renesas Technology Corp CDP1802AC Datasheet HTML 8Page - Renesas Technology Corp CDP1802AC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
CDP1802AC/3
FN1441 Rev 3.00
Page 4 of 27
October 17, 2008
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, (VDD)
(All Voltages Referenced to VSS Terminal)
CDP1802AC/3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V
DC Input Current, any One Input . . . . . . . . . . . . . . . . . . . . . . ±10mA
Thermal Resistance (Typical, Notes 1, 2)
JA (°C/W) JC (°C/W)
SBDIP Package . . . . . . . . . . . . . . . . . .
55
15
Device Dissipation Per Output Transistor
TA = Full Package Temperature Range . . . . . . . . . . . . . . .100mW
Operating Temperature Range (TA)
Package Type D. . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Storage Temperature Range (TSTG) . . . . . . . . . . . .-65°C to +150°C
Lead Temperature (During Soldering)
At distance 1/16 ± 1/32 In. (1.59 ±0.79mm)
from case for 10s max . . . . . . . . . . . . . . . . . . . . . . . . . . . . +265°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Recommended Operating Conditions TA = Full Package Temperature Range. For maximum reliability, operating conditions should
be selected so that operation is always within the following ranges. Parameters with MIN
and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits
established by characterization and are not production tested.
PARAMETER
MIN
MAX
UNITS
DC Operating Voltage Range
4
6.5
V
Input Voltage Range
VSS
VDD
V
Maximum Clock Input Rise or Fall Time
-
1
µs
Performance Specifications
Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified.
Temperature limits established by characterization and are not production tested.
PARAMETER
VDD
(V)
-55°C TO +25°C
+125°C
UNITS
Minimum Instruction Time (Note 3)
5
4.5
5.9
µs
Maximum DMA Transfer Rate
5
450
340
Kbytes/s
Maximum Clock Input Frequency,
Load Capacitance (CL) = 50pF, fCL
5
DC-3.6
DC-2.7
MHz
NOTE:
3. Equals 2 machine cycles - one Fetch and one Execute operation for all instructions except Long Branch and Long Skip, which require 3 machine
cycles - one Fetch and two Execute operations.
Static Electrical Specifications All Limits are 100% Tested. Parameters with MIN and/or MAX limits are 100% tested at +25°C,
unless otherwise specified. Temperature limits established by characterization and are not
production tested.
PARAMETER
CONDITIONS
-55°C, +25°C
+125°C
UNITS
VOUT
(V)
VIN,
(V)
VCC, VDD
(V)
(Note 4)
MIN
MAX
MIN
MAX
Quiescent Device Current, IDD
-
-
5
-
100
-
250
µA
Output Low Drive (Sink) Current
(Except XTAL), IOL
0.4
0, 5
5
1.20
-
0.90
-
mA
XTAL
0.4
5
5
185
-
140
-
µA
Output High Drive (Source)
Current (Except XTAL), IOH
4.6
0, 5
5
-
-0.30
-
-0.20
mA
XTAL
4.6
0
5
-
-135
-
-100
µA
Output Voltage Low-Level, VOL
-
0, 5
5
-
0.1
-
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com