Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1802AC Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # CDP1802AC
Description  High-Reliability CMOS 8-Bit Microprocessor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CDP1802AC Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button CDP1802AC Datasheet HTML 9Page - Renesas Technology Corp CDP1802AC Datasheet HTML 10Page - Renesas Technology Corp CDP1802AC Datasheet HTML 11Page - Renesas Technology Corp CDP1802AC Datasheet HTML 12Page - Renesas Technology Corp CDP1802AC Datasheet HTML 13Page - Renesas Technology Corp CDP1802AC Datasheet HTML 14Page - Renesas Technology Corp CDP1802AC Datasheet HTML 15Page - Renesas Technology Corp CDP1802AC Datasheet HTML 16Page - Renesas Technology Corp CDP1802AC Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
CDP1802AC/3
FN1441 Rev 3.00
Page 13 of 27
October 17, 2008
FIGURE 12. INTERRUPT CYCLE TIMING WAVEFORMS
Performance Curves
FIGURE 13. TYPICAL MAXIMUM CLOCK FREQUENCY AS A
FUNCTION OF TEMPERATURE
FIGURE 14. TYPICAL MAXIMUM CLOCK FREQUENCY AS A
FUNCTION OF SUPPLY VOLTAGE
Machine Cycle Timing Waveforms (Propagation Delays Not Shown) (Continued)
01
23
45
67
01
23
45
670
12
34
56
CLOCK
TPA
TPB
MACHINE
CYCLE
INSTRUCTION
CYCLE n
CYCLE (n + 1)
CYCLE (n + 2)
INTERRUPT (S3)
EXECUTE (S1)
FETCH (S0)
MRD
MWR
INTERRUPT
MEMORY
OUTPUT
VALID OUTPUT
NOTE: USER GENERATED SIGNAL
MEMORY READ CYCLE
MEMORY READ, WRITE
NON-MEMORY CYCLE
OR NON-MEMORY CYCLE
“DON’T CARE” OR INTERNAL DELAYS
HIGH IMPEDANCE STATE
(NOTE)
(INTERNAL) IE
5
4
3
2
1
0
6
7
8
35
45
55
65
75
85
95
105
115
25
125
VDD = 5V
LOAD CAPACITANCE (CL) = 50pF
AMBIENT TEMPERATURE (TA) (°C)
34567
89
10
12
2
SUPPLY VOLTAGE (VDD) (V)
11
5
4
3
2
1
0
6
7
8
LOAD CAPACITANCE (CL) = 50pF
TA = +25°C
TA = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com