Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1802AC Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # CDP1802AC
Description  High-Reliability CMOS 8-Bit Microprocessor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CDP1802AC Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button CDP1802AC Datasheet HTML 16Page - Renesas Technology Corp CDP1802AC Datasheet HTML 17Page - Renesas Technology Corp CDP1802AC Datasheet HTML 18Page - Renesas Technology Corp CDP1802AC Datasheet HTML 19Page - Renesas Technology Corp CDP1802AC Datasheet HTML 20Page - Renesas Technology Corp CDP1802AC Datasheet HTML 21Page - Renesas Technology Corp CDP1802AC Datasheet HTML 22Page - Renesas Technology Corp CDP1802AC Datasheet HTML 23Page - Renesas Technology Corp CDP1802AC Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
CDP1802AC/3
FN1441 Rev 3.00
Page 20 of 27
October 17, 2008
SUBTRACT D WITH BORROW, IMMEDIATE
SDBl
7D
M(R(P)) - D - (Not DF)
 DF, D; R(P) + 1  R(P)
SUBTRACT MEMORY
SM
F7
D-M(R(X))
 DF, D
SUBTRACT MEMORY IMMEDIATE
SMl
FF
D-M(R(P))
 DF, D; R(P) + 1  R(P)
SUBTRACT MEMORY WITH BORROW
SMB
77
D-M(R(X))-(NOT DF)
 DF, D
SUBTRACT MEMORY WITH BORROW, IMMEDIATE
SMBl
7F
D-M(R(P))-(NOT DF)
 DF, D; R(P) + 1  R(P)
BRANCH INSTRUCTIONS - SHORT BRANCH
SHORT BRANCH
BR
30
M(R(P))
 R(P).0
NO SHORT BRANCH (See SKP)
NBR
38
(Note 12)
R(P) + 1
 R(P)
SHORT BRANCH IF D = 0
BZ
32
IF D = 0, M(R(P))
 R(P).0, ELSE R(P) + 1  R(P)
SHORT BRANCH IF D NOT 0
BNZ
3A
IF D NOT 0, M(R(P))
 R(P).0, ELSE R(P) + 1  R(P)
SHORT BRANCH IF DF = 1
BDF
33
(Note 12)
IF DF = 1, M(R(P))
 R(P).0, ELSE R(P) + 1  R(P)
SHORT BRANCH IF POS OR ZERO
BPZ
SHORT BRANCH IF EQUAL OR GREATER
BGE
SHORT BRANCH IF DF = 0
BNF
3B
(Note 12)
IF DF = 0, M(R(P))
 R(P).0, ELSE R(P) + 1  R(P)
SHORT BRANCH IF MINUS
BM
SHORT BRANCH IF LESS
BL
SHORT BRANCH IF Q = 1
BQ
31
IF Q = 1, M(R(P))
 R(P).0, ELSE R(P) + 1  R(P)
SHORT BRANCH IF Q = 0
BNQ
39
IF Q = 0, M(R(P))
 R(P).0, ELSE R(P) + 1  R(P)
SHORT BRANCH IF EF1 = 1 (EF1 = VSS)
B1
34
IF EF1 =1, M(R(P))
 R(P).0, ELSE R(P) + 1  R(P)
SHORT BRANCH IF EF1 = 0 (EF1 = VCC)
BN1
3C
IF EF1 = 0, M(R(P))
 R(P).0, ELSE R(P) + 1  R(P)
SHORT BRANCH IF EF2 = 1 (EF2 = VSS)
B2
35
IF EF2 = 1, M(R(P))
 R(P).0, ELSE R(P) + 1  R(P)
SHORT BRANCH IF EF2 = 0 (EF2 = VCC)
BN2
3D
IF EF2 = 0, M(R(P))
 R(P).0, ELSE R(P) + 1  R(P)
SHORT BRANCH IF EF3 = 1 (EF3 = VSS)
B3
36
IF EF3 = 1, M(R(P))
 R(P).0, ELSE R(P) + 1  R(P)
SHORT BRANCH IF EF3 = 0 (EF3 = VCC)
BN3
3E
IF EF3 = 0, M(R(P))
 R(P).0, ELSE R(P) + 1  R(P)
SHORT BRANCH IF EF4 = 1 (EF4 = VSS)
B4
37
IF EF4 = 1, M(R(P))
 R(P).0, ELSE R(P) + 1  R(P)
SHORT BRANCH IF EF4 = 0 (EF4 = VCC)
BN4
3F
IF EF4 = 0, M(R(P))
 R(P).0, ELSE R(P) + 1  R(P)
BRANCH INSTRUCTIONS - LONG BRANCH
LONG BRANCH
LBR
C0
M(R(P))
 R(P). 1, M(R(P) + 1)  R(P).0
NO LONG BRANCH (See LSKP)
NLBR
C8
(Note 12)
R(P) = 2
 R(P)
LONG BRANCH IF D = 0
LBZ
C2
lF D = 0, M(R(P))
 R(P).1, M(R(P) +1)  R(P).0,
ELSE R(P) + 2
 R(P)
LONG BRANCH IF D NOT 0
LBNZ
CA
IF D Not 0, M(R(P))
 R(P).1, M(R(P) + 1)  R(P).0, ELSE
R(P) + 2
 R(P)
LONG BRANCH IF DF = 1
LBDF
C3
lF DF = 1, M(R(P))
 R(P).1, M(R(P) + 1)  R(P).0, ELSE
R(P) + 2
 R(P)
LONG BRANCH IF DF = 0
LBNF
CB
IF DF = 0, M(R(P))
 R(P).1, M(R(P) + 1)  R(P).0, ELSE
R(P) + 2
 R(P)
LONG BRANCH IF Q = 1
LBQ
C1
IF Q = 1, M(R(P))
 R(P).1, M(R(P) + 1)  R(P).0,
ELSE R(P) + 2
 R(P)
TABLE 4. INSTRUCTION SUMMARY
(See Notes 11 through 16) (Continued)
INSTRUCTION
MNEMONIC
OP
CODE
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com