Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1802AC Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # CDP1802AC
Description  High-Reliability CMOS 8-Bit Microprocessor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CDP1802AC Datasheet(HTML) 5 Page - Renesas Technology Corp

  CDP1802AC Datasheet HTML 1Page - Renesas Technology Corp CDP1802AC Datasheet HTML 2Page - Renesas Technology Corp CDP1802AC Datasheet HTML 3Page - Renesas Technology Corp CDP1802AC Datasheet HTML 4Page - Renesas Technology Corp CDP1802AC Datasheet HTML 5Page - Renesas Technology Corp CDP1802AC Datasheet HTML 6Page - Renesas Technology Corp CDP1802AC Datasheet HTML 7Page - Renesas Technology Corp CDP1802AC Datasheet HTML 8Page - Renesas Technology Corp CDP1802AC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
CDP1802AC/3
FN1441 Rev 3.00
Page 5 of 27
October 17, 2008
Output Voltage High-Level, VOH
-
0, 5
5
4.9
-
4.8
-
V
Input Low Voltage, VIL
0.5, 4.5
-
5
-
1.5
-
1.5
V
Input High Voltage, VIH
0.5, 4.5
-
5
3.5
-
3.5
-
V
Input Leakage Current, IIN
Any
Input
0, 5
5
-
±1
-
±5
µA
Three-State Output Leakage
Current, IOUT
0, 5
0, 5
5
-
±1
-
±5
µA
NOTE:
4. 5V level characteristics apply to Part No. CDP1802AC/3, and 5V and 10V level characteristics apply to part No. CDP1802A/3.
Timing Specifications
As a Function of T (T = 1/fCLOCK), CL = 50 pF. Parameters with MIN and/or MAX limits are 100% tested at
+25°C, unless otherwise specified. Temperature limits established by characterization and are not production
tested.
PARAMETER
VDD
(V)
LIMITS
(Note 5)
UNITS
-55°C, +25°C
+125°C
High-Order Memory-Address Byte Setup to TPA
Time, tSU
5
2T-450
2T-580
ns
High-Order Memory-Address Byte Hold After TPA Time, tH
5
T/2 +0
T/2 +0
ns
Low-Order Memory-Address Byte Hold After WR Time, tH
5T-30
T-40
ns
CPU Data to Bus Hold After WR Time, tH
5
T-170
T-250
ns
Required Memory Access Time Address to Data, tACC
5
5T-300
5T-400
ns
NOTE:
5. These limits are not directly tested.
Implicit Specifications
(Note 6) TA = -55°C to +25°C. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless
otherwise specified. Temperature limits established by characterization and are not production tested.
PARAMETER
SYMBOL
VDD
(V)
TYPICAL
VALUES
UNITS
Typical Total Power Dissipation
Idle “00” at M(0000), CL = 50pF
f = 2MHz
-
5
4
mW
Effective Input Capacitance any Input
-
CIN
-5
pF
Effective Three-State Terminal Capacitance Data Bus
-
-
-
7.5
pF
Minimum Data Retention Voltage
-
VDR
-2.4
V
Data Retention Current
-
IDR
2.4
10
µA
NOTE:
6. These specifications are not tested. Typical values are provided for guidance only.
Static Electrical Specifications All Limits are 100% Tested. Parameters with MIN and/or MAX limits are 100% tested at +25°C,
unless otherwise specified. Temperature limits established by characterization and are not
production tested. (Continued)
PARAMETER
CONDITIONS
-55°C, +25°C
+125°C
UNITS
VOUT
(V)
VIN,
(V)
VCC, VDD
(V)
(Note 4)
MIN
MAX
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com