Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1802AC Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # CDP1802AC
Description  High-Reliability CMOS 8-Bit Microprocessor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CDP1802AC Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button CDP1802AC Datasheet HTML 19Page - Renesas Technology Corp CDP1802AC Datasheet HTML 20Page - Renesas Technology Corp CDP1802AC Datasheet HTML 21Page - Renesas Technology Corp CDP1802AC Datasheet HTML 22Page - Renesas Technology Corp CDP1802AC Datasheet HTML 23Page - Renesas Technology Corp CDP1802AC Datasheet HTML 24Page - Renesas Technology Corp CDP1802AC Datasheet HTML 25Page - Renesas Technology Corp CDP1802AC Datasheet HTML 26Page - Renesas Technology Corp CDP1802AC Datasheet HTML 27Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
CDP1802AC/3
FN1441 Rev 3.00
Page 25 of 27
October 17, 2008
Operating and Handling Considerations
Handling
All inputs and outputs of Intersil CMOS devices have a
network for electrostatic protection during handling.
Operating
OPERATING VOLTAGE
During operation near the maximum supply voltage limit care
should be taken to avoid or suppress power supply turn-on
and turn-off transients, power supply ripple, or ground noise;
any of these conditions must not cause VDD - VSS to exceed
the absolute maximum rating.
INPUT SIGNALS
To prevent damage to the input protection circuit, input
signals should never be greater than VDD nor less than VSS.
Input currents must not exceed 10mA even when the power
supply is off.
UNUSED INPUTS
A connection must be provided at every input terminal. All
unused input terminals must be connected to either VDD or
VSS, whichever is appropriate.
OUTPUT SHORT CIRCUITS
Shorting of outputs to VDD or VSS may damage CMOS
devices by exceeding the maximum device dissipation.
S1
F
8
LDl
MRP
 D; RP + 1  RP
MRP
RP
0
1
0
Fig. 6
9
ORl
MRP OR D
 D; RP + 1  RP
A
ANl
MRP AND D
 D; RP + 1  RP
B
XRl
MRP XOR D
 D; RP + 1  RP
C
ADl
MRP + D
 DF, D; RP + 1  RP
D
SDl
MRP - D
 DF, D; RP + 1  RP
F
SMl
D - MRP
 DF, D; RP +1  RP
E
SHL
MSB(D)
 DF; 0  LSB(D)
Float
RP
1
1
0
Fig. 4
S2
DMA IN
BUS
 MR0; R0 + 1  R0
Data from
I/O Device
R0
1
0
0
22, Fig. 10
DMAOUT
MR0
 BUS; R0 + 1  R0
MR0
R0
0
1
0
22, Fig. 11
S3
INTERRUPT
X, P
 T; 0  lE, 1  P;
2
 X
Float
RN
1
1
0
Fig. 12
S1
LOAD
IDLE (CLEAR, WAlT = 0)
M(R0 - 1)
R0 - 1
0
1
0
21, Fig. 6
NOTES:
17. lE = 1, TPA, TPB suppressed, state = S1.
18. BUS = 0 for entire cycle.
19. Next state always S1.
20. Wait for DMA or INTERRUPT.
21. Suppress TPA, wait for DMA.
22. IN REQUEST has priority over OUT REQUEST.
23. See “Timing Waveforms” beginning on page 7 and Figures 3 through 12 for “Machine Cyle Timing Waveforms beginning on page 9.
TABLE 5. CONDITIONS ON DATA BUS AND MEMORY ADDRESS LINES DURING ALL MACHINE STATES (Continued)
STATE
I
N
SYMBOL
OPERATION
DATA
BUS
MEMORY
ADDRESS
MRD
MWR
N
LINES
NOTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com