Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1802AC Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # CDP1802AC
Description  High-Reliability CMOS 8-Bit Microprocessor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CDP1802AC Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button CDP1802AC Datasheet HTML 13Page - Renesas Technology Corp CDP1802AC Datasheet HTML 14Page - Renesas Technology Corp CDP1802AC Datasheet HTML 15Page - Renesas Technology Corp CDP1802AC Datasheet HTML 16Page - Renesas Technology Corp CDP1802AC Datasheet HTML 17Page - Renesas Technology Corp CDP1802AC Datasheet HTML 18Page - Renesas Technology Corp CDP1802AC Datasheet HTML 19Page - Renesas Technology Corp CDP1802AC Datasheet HTML 20Page - Renesas Technology Corp CDP1802AC Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
CDP1802AC/3
FN1441 Rev 3.00
Page 17 of 27
October 17, 2008
DMA-IN or DMA-Out request is received, one machine cycle
is “stolen”. This operation occurs at the end of the execute
machine cycle in the current instruction. Register R(0) is
always used as the data pointer during the DMA operation.
The data is read from (DMA-Out) or written into (DMA-IN)
the memory location pointed to by the R(0) register. At the
end of the transfer, R(0) is incremented by one so that the
processor is ready to act upon the next DMA byte transfer
request. This feature in the 1800-series architecture saves a
substantial amount of logic when fast exchanges of blocks of
data are required, such as with magnetic discs or during
CRT-display-refresh cycles.
Data Registers
When registers in R are used to store bytes of data, four
instructions are provided which allow D to receive from or
write into either the higher-order or lower-order byte portions
of the register designated by N. By this mechanism (together
with loading by data immediate) program pointer and data
pointer designations are initialized. Also, this technique
allows scratchpad registers in R to be used to hold general
data. By employing increment or decrement instructions,
such registers may be used as loop counters.
The Q Flip-Flop
An internal flip-flop, Q, can be set or reset by instruction and
can be sensed by conditional branch instructions. The output
of Q is also available as a microprocessor output.
Interrupt Servicing
Register R(1) is always used as the program counter
whenever interrupt servicing is initiated. When an interrupt
request occurs and the interrupt is allowed by the program
(again, nothing takes place until the completion of the
current instruction), the contents of the X and P registers are
stored in the temporary register T, and X and P are set to
new values; hex digit 2 in X and hex digit 1 in P. Interrupt
Enable is automatically deactivated to inhibit further
interrupts. The user's interrupt routine is now in control; the
contents of T may be saved by means of a single instruction
(78) in the memory location pointed to by R(X). At the
conclusion of the interrupt, the user's routine may restore the
pre-interrupted value of X and P with a single instruction (70
or 71). The Interrupt Enable flip-flop can be activated to
permit further interrupts or can be disabled to prevent them.
CPU Register Summary
CDP1802 Control Modes
The WAIT and CLEAR lines provide four control modes as
listed in Table 3:
The functions of the modes are defined as follows:
LOAD
Holds the CPU in the IDLE execution state and allows an I/O
device to load the memory without the need for a “bootstrap”
loader. It modifies the IDLE condition so that DMA-lN
operation does not force execution of the next instruction.
RESET
Registers l, N, Q are reset, lE is set and 0’s (VSS) are placed on
the data bus. TPA and TPB are suppressed while reset is held
and the CPU is placed in S1. The first machine cycle after
termination of reset is an initialization cycle which requires 9
clock pulses. During this cycle the CPU remains in S1 and
register X, P, and R(0) are reset. Interrupt and DMA servicing
are suppressed during the initialization cycle. The next cycle is
an S0, S1, or an S2 but never an S3. With the use of a 71
instruction followed by 00 at memory locations 0000 and 0001,
this feature may be used to reset IE, so as to preclude
interrupts until ready for them. Power-up reset can be realized
D
8 Bits
Data Register (Accumulator)
DF
1-Bit
Data Flag (ALU Carry)
B
8 Bits
Auxiliary Holding Register
R
16 Bits
1 of 16 Scratchpad Registers
P
4 Bits
Designates which register is Program Counter
X
4 Bits
Designates which register is Data Pointer
N
4 Bits
Holds Low-Order Instruction Digit
I
4 Bits
Holds High-Order Instruction Digit
T
8 Bits
Holds old X, P after Interrupt (X is high nibble)
lE
1-Bit
Interrupt Enable
Q
1-Bit
Output Flip-Flop
TABLE 3. CONTROL MODES
CLEAR
WAIT
MODE
LL
LOAD
L
H
RESET
HL
PAUSE
H
H
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com