Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1802AC Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # CDP1802AC
Description  High-Reliability CMOS 8-Bit Microprocessor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CDP1802AC Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button CDP1802AC Datasheet HTML 10Page - Renesas Technology Corp CDP1802AC Datasheet HTML 11Page - Renesas Technology Corp CDP1802AC Datasheet HTML 12Page - Renesas Technology Corp CDP1802AC Datasheet HTML 13Page - Renesas Technology Corp CDP1802AC Datasheet HTML 14Page - Renesas Technology Corp CDP1802AC Datasheet HTML 15Page - Renesas Technology Corp CDP1802AC Datasheet HTML 16Page - Renesas Technology Corp CDP1802AC Datasheet HTML 17Page - Renesas Technology Corp CDP1802AC Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
CDP1802AC/3
FN1441 Rev 3.00
Page 14 of 27
October 17, 2008
FIGURE 15. TYPICAL TRANSITION TIME vs LOAD
CAPACITANCE
FIGURE 16. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 17. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 18. TYPICAL POWER DISSIPATION AS A FUNCTION
OF CLOCK FREQUENCY FOR BRANCH
INSTRUCTION AND IDLE INSTRUCTION
FIGURE 19. TYPICAL CHANGE IN PROPAGATION DELAY AS A FUNCTION OF A CHANGE IN LOAD CAPACITANCE
Performance Curves (Continued)
50
75
100
125
150
175
200
25
300
250
200
150
100
350
400
0
50
AMBIENT TEMPERATURE (TA) = +25°C
0
LOAD CAPACITANCE (CL) (pF)
tTLH
tTHL
-9
-8
-7
-6
-5
-4
-3
-10
2
3
4
5
6
1
0
-2
-1
DRAIN TO SOURCE VOLTAGE (VDS) (V)
GATE TO SOURCE VOLTAGE (VGS) = -5V
AMBIENT TEMPERATURE = -40°C TO +85°C
0
25
20
15
10
5
30
35
1
2
3
456
7
08
9
10
GATE TO SOURCE VOLTAGE (VGS) = 5V
AMBIENT TEMPERATURE = -40°C TO +85°C
0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10
1
0.1
100
1000
0.01
0.1
1M
10M
AMBIENT TEMPERATURE (TA) = +25°C
CLOCK INPUT FREQUENCY (fCL) (Hz)
VCC
= VD
D
= +
5V
VCC
= VD
D
= 5
V
“BR
AN
CH
”
“ID
LE”
IDLE = “00” at M (0000)
BRANCH = “3707” at M (8107)
100
75
50
25
0
125
150
50
100
150
200
0
 LOAD CAPACITANCE ( CL) (pF)
AMBIENT TEMPERATURE
(TA) = +25°C
VCC
= VDD
= 5V
tPHL
t P
LH
V C
C
=
V D
D
=
5V
ANY OUTPUT EXCEPT XTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com