Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1802AC Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CDP1802AC
Description  High-Reliability CMOS 8-Bit Microprocessor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CDP1802AC Datasheet(HTML) 1 Page - Renesas Technology Corp

  CDP1802AC Datasheet HTML 1Page - Renesas Technology Corp CDP1802AC Datasheet HTML 2Page - Renesas Technology Corp CDP1802AC Datasheet HTML 3Page - Renesas Technology Corp CDP1802AC Datasheet HTML 4Page - Renesas Technology Corp CDP1802AC Datasheet HTML 5Page - Renesas Technology Corp CDP1802AC Datasheet HTML 6Page - Renesas Technology Corp CDP1802AC Datasheet HTML 7Page - Renesas Technology Corp CDP1802AC Datasheet HTML 8Page - Renesas Technology Corp CDP1802AC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
FN1441 Rev 3.00
Page 1 of 27
October 17, 2008
FN1441
Rev 3.00
October 17, 2008
CDP1802AC/3
High-Reliability CMOS 8-Bit Microprocessor
DATASHEET
The CDP1802A/3 High-Reliability LSI CMOS 8-bit register
oriented Central-Processing Unit (CPU) is designed for use
as a general purpose computing or control element in a wide
range of stored-program systems or products.
The CDP1802A/3 includes all of the circuits required for
fetching, interpreting, and executing instructions which have
been stored in standard types of memories. Extensive
input/output (I/O) control features are also provided to
facilitate system design.
The 1800 Series Architecture is designed with emphasis on
the total microcomputer system as an integral entity so that
systems having maximum flexibility and minimum cost can be
realized. The 1800 Series CPU also provides a synchronous
interface to memories and external controllers for I/O devices,
and minimizes the cost of interface controllers. Further, the I/O
interface is capable of supporting devices operating in polled,
interrupt-driven, or direct memory-access modes.
The CDP1802AC/3 is functionally identical to its
predecessor, the CDP1802. The “A” version includes some
performance enhancements and can be used as a direct
replacement in systems using the CDP1802.
This type is supplied in a 40 Ld dual-in-line sidebrazed
ceramic package (D suffix).
Features
For Use In Aerospace, Military, and Critical Industrial
Equipment
• Minimum Instruction Fetch-Execute Time of 4.5µs
(Maximum Clock Frequency of 3.6MHz) at VDD =5V,
TA = +25°C
• Operation Over the Full Military
Temperature Range . . . . . . . . . . . . . . . -55°C to +125°C
• Any Combination of Standard RAM and ROM Up to
65,536 Bytes
• 8-Bit Parallel Organization With Bi-directional Data
Bus and Multiplexed Address Bus
• 16x16 Matrix of Registers for Use as Multiple Program
Counters, Data Pointers, or Data Registers
• On-Chip DMA, Interrupt, and Flag Inputs
• High Noise Immunity . . . . . . . . . . . . . . . . . . 30% of VDD
• Pb-Free (RoHS compliant)
Ordering Information
PART
NUMBER
PART
MARKING
TEMP. RANGE
(
°C)
CLOCK FREQUENCY
AT 5V
PACKAGE
PKG
DWG. #
CDP1802ACD3
CDP1802ACD3
-55 to +125
Up to 3.2MHz
40 Ld SBDIP
D40.6
NOTE: These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible
with both SnPb and Pb-free soldering operations.


Similar Part No. - CDP1802AC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1802AC INTERSIL-CDP1802AC Datasheet
115Kb / 27P
CMOS 8-Bit Microprocessors
March 1997
CDP1802AC INTERSIL-CDP1802AC Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
CDP1802AC3 INTERSIL-CDP1802AC3 Datasheet
383Kb / 27P
High-Reliability CMOS 8-Bit Microprocessor
CDP1802ACD INTERSIL-CDP1802ACD Datasheet
115Kb / 27P
CMOS 8-Bit Microprocessors
March 1997
CDP1802ACD INTERSIL-CDP1802ACD Datasheet
240Kb / 28P
CMOS 8-Bit Microprocessors
March 1997
More results

Similar Description - CDP1802AC

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C85AHRS OKI-MSM80C85AHRS Datasheet
210Kb / 29P
8-Bit CMOS MICROPROCESSOR
MSM80C88A-10RS OKI-MSM80C88A-10RS Datasheet
270Kb / 37P
8-Bit CMOS MICROPROCESSOR
logo
Toshiba Semiconductor
TMPZ84C01F TOSHIBA-TMPZ84C01F Datasheet
759Kb / 36P
CMOS Z80 8-BIT MICROPROCESSOR
logo
California Micro Device...
G65SC02 CALMIRCO-G65SC02 Datasheet
664Kb / 11P
CMOS G65SC02-A 8-BIT MICROPROCESSOR
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
Intersil Corporation
80C88 INTERSIL-80C88 Datasheet
246Kb / 32P
CMOS 8/16-Bit Microprocessor
March 1997
80C88 INTERSIL-80C88_04 Datasheet
620Kb / 32P
CMOS 8/16-Bit Microprocessor
November 2004
80C88 INTERSIL-80C88_08 Datasheet
606Kb / 38P
CMOS 8-/16-Bit Microprocessor
February 22, 2008
CDP1802AC3 INTERSIL-CDP1802AC3 Datasheet
383Kb / 27P
High-Reliability CMOS 8-Bit Microprocessor
logo
Renesas Technology Corp
80C88 RENESAS-80C88 Datasheet
1Mb / 39P
CMOS 8-/16-Bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com