Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA430 Datasheet(PDF) 9 Page - Pico Technology Ltd.

Part # TA430
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA430 Datasheet(HTML) 9 Page - Pico Technology Ltd.

Back Button TA430 Datasheet HTML 5Page - Pico Technology Ltd. TA430 Datasheet HTML 6Page - Pico Technology Ltd. TA430 Datasheet HTML 7Page - Pico Technology Ltd. TA430 Datasheet HTML 8Page - Pico Technology Ltd. TA430 Datasheet HTML 9Page - Pico Technology Ltd. TA430 Datasheet HTML 10Page - Pico Technology Ltd. TA430 Datasheet HTML 11Page - Pico Technology Ltd. TA430 Datasheet HTML 12Page - Pico Technology Ltd. TA430 Datasheet HTML 13Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
PicoVNA 5: Game-changing new software for PicoVNA - Frequency or time segment zoom and magnify plot detail
There are two powerful results detail views implemented in PicoVNA 5 beneath each plot format key.
Zoom Frequency or Time Segments: each selection of this tool adds a user draggable
frequency or time span to the span axis of your plot (including Smith and Polar). Once
set, add a new zoomed segment plot to the drag’n’snap viewport grid. Repeat to add
further zoomed segments and plots if you wish and then re-arrange your display layout
to suit.
Both forms of added viewport fully support fine position cursor readouts and markers
drop and drag. And by providing the two mechanisms PicoVNA 5 releases you from the
confines of a single detail inspection mechanism!
Magnify: adds a scroll wheel magnified view centered on any point within your plot. The
current plots area divides horizontally or vertically to allow the live updating spy-glass
plot. Now you get to see just how good your matches, shorts or opens really are at the
center, the bounds or in fact anywhere on your Smith; or any other plot!
User defined interpolations
An advanced provision, closely associated with Zoom and Magnify, the PicoVNA 5 user can set their
Preference for interpolation mechanism on a per plot-type basis. Select rom several vector or scalar
interpolations and apply them to real-imaginary or to magnitude-angle data. Usefully, this will apply for either
Live, Memory or Imported data in on or off-line (no connected instrument) applications. Additionally the user
can elect to export data with or without processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com