Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA430 Datasheet(PDF) 34 Page - Pico Technology Ltd.

Part # TA430
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA430 Datasheet(HTML) 34 Page - Pico Technology Ltd.

Back Button TA430 Datasheet HTML 30Page - Pico Technology Ltd. TA430 Datasheet HTML 31Page - Pico Technology Ltd. TA430 Datasheet HTML 32Page - Pico Technology Ltd. TA430 Datasheet HTML 33Page - Pico Technology Ltd. TA430 Datasheet HTML 34Page - Pico Technology Ltd. TA430 Datasheet HTML 35Page - Pico Technology Ltd. TA430 Datasheet HTML 36Page - Pico Technology Ltd. TA430 Datasheet HTML 37Page - Pico Technology Ltd. TA430 Datasheet HTML 38Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Specifications
Standard conditions: 10 Hz resolution bandwidth, at 13 dBm (PicoVNA 106) or 0 dBm (PicoVNA 108) test power, at an ambient temperature of between 20 °C and 30 °C but within
1°C of the calibration temperature and 60 minutes after power-up.
Receiver characteristics
Parameter
Value
Conditions
Measurement bandwidth
140 kHz, 70 kHz, 35 kHz, 15 kHz, 10 kHz, 5 kHz, 1 kHz,
500 Hz, 100 Hz, 50 Hz, 10 Hz
Average displayed noise floor
PicoVNA 106
PicoVNA 108
Relative to the test signal level set to maximum power after
an S
21 calibration.
Ports terminated as during the isolation calibration step.
Band (MHz) Typical (dB) Max. (dB)
Band (MHz) Typical (dB) Max. (dB)
0.3 to 10
–110
–100
10 to 4000 –118
–108
> 4000
–110
–100
0.3 to 1
–100
–90
1 to 6000
–124
–110
> 6000
–120
–100
Dynamic range
See graphs (typical, excludes crosstalk)
10 Hz bandwidth
Maximum test power +6 dBm (6 GHz), 0 dBm (8.5 GHz).
No averaging
Dynamic range 0.3 MHz to 10 MHz (PicoVNA 106)
Dynamic range 10 MHz to 6 GHz (PicoVNA 106)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com