Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA430 Datasheet(PDF) 38 Page - Pico Technology Ltd.

Part # TA430
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA430 Datasheet(HTML) 38 Page - Pico Technology Ltd.

Back Button TA430 Datasheet HTML 34Page - Pico Technology Ltd. TA430 Datasheet HTML 35Page - Pico Technology Ltd. TA430 Datasheet HTML 36Page - Pico Technology Ltd. TA430 Datasheet HTML 37Page - Pico Technology Ltd. TA430 Datasheet HTML 38Page - Pico Technology Ltd. TA430 Datasheet HTML 39Page - Pico Technology Ltd. TA430 Datasheet HTML 40Page - Pico Technology Ltd. TA430 Datasheet HTML 41Page - Pico Technology Ltd. TA430 Datasheet HTML 42Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Sweep functions
Sweep type
Linear frequency sweep, CW time-based sweep, and power sweep (P1dB utility)
Sweep times
Bandwidth
S
11, S21, S11+S21
calibration
Full 12 or 8 term
calibration
140 kHz
19 ms[1]
37 ms[1]
10 kHz
37 ms
72 ms
1 kHz
0.21 s
0.42 s
100 Hz
1.94 s
3.87 s
10 Hz
19.2 s
38.4 s
LF Adder (for each low
frequency point < 2.5 MHz)
1.25 ms/pt
2.5 ms/pt
[1]
20 ms and 38 ms for PicoVNA 108
10 MHz to 6 or 8.5 GHz, 201-point trace length. For other
lengths and bandwidths the sweep time is approximately:
T
SWP(s) = N × (TMIN + FBW / RBW)
where:
N
= number of frequency points
T
MIN(s) = minimum time / point (s2p: 167 µs; s1p: 85 µs)
F
BW
= bandwidth settle factor (s2p: 1.91; s1p: 0.956)
R
BW
= resolution bandwidth (Hz)
For sweep repetition period, add software rearm time:
T
ARM 
= average 6.5 ms or worst case 50 ms
For markers on, increase T
ARM by 39 ms
Number of sweep points, VNA mode 51, 101, 201, 401, 801, 1001, 2001, 4001, 5001, 6001, 7001, 8001, 9001, 10 001
Number of sweep points, TD mode
512, 1024, 2048, 4096
Signal source characteristics
Frequency range
PicoVNA 106
PicoVNA 108
300 kHz to 6.0 GHz
300 kHz to 8.5 GHz
Frequency setting resolution
10 Hz
Frequency accuracy
10 ppm max
With ambient of 23 ±3 °C
Frequency temperature stability
±0.5 ppm/ºC max
Over the range +15 °C to +35 °C
Harmonics
−20 dBc max
With test power set to < –3 dBm
Non-harmonic spurious
−40 dBc typical
Phase noise (10 kHz offset)
0.3 MHz to 1 GHz: −90 dBc/Hz
1 GHz to 4 GHz:
−80 dBc/Hz
> 4 GHz:
−76 dBc/Hz
Test signal power
< 10 MHz:
−3 to −20 dBm
10 MHz to 4 GHz: +6 to −20 dBm
> 4 GHz:
+3 to −20 dBm
≤ 6 GHz: +10 dBm to –20 dBm
> 6 GHz
+ 6 dBm to –20 dBm
Power setting resolution
0.1 dB
Power setting accuracy
±1.5 dB
Reference input frequency
10 MHz ±6 ppm
Reference input level
0 ±3 dBm
Reference output level
0 ±3 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com