Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA430 Datasheet(PDF) 28 Page - Pico Technology Ltd.

Part # TA430
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA430 Datasheet(HTML) 28 Page - Pico Technology Ltd.

Back Button TA430 Datasheet HTML 24Page - Pico Technology Ltd. TA430 Datasheet HTML 25Page - Pico Technology Ltd. TA430 Datasheet HTML 26Page - Pico Technology Ltd. TA430 Datasheet HTML 27Page - Pico Technology Ltd. TA430 Datasheet HTML 28Page - Pico Technology Ltd. TA430 Datasheet HTML 29Page - Pico Technology Ltd. TA430 Datasheet HTML 30Page - Pico Technology Ltd. TA430 Datasheet HTML 31Page - Pico Technology Ltd. TA430 Datasheet HTML 32Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Reference plane extension
Reference plane extension (offset) allows you to shift the measurement reference plane away from
the point established during calibration. This is useful in removing the path length of assumed ideal
connectors, cables or microstrip lines from measurements. PicoVNA 3 software allows independent
reference plane extensions on each of the measurement parameters (S
11, S22, S12 or S21), either as
an automatic re-reference or by manual entry. Independent extensions allow, for example, different
extensions on the two ports for S
11 and S22 and then through-line normalization for S21 and S12
transmission comparison with equivalent length through-line.
After calibration
ref plane is here
For the measurement we want
the ref plane to be here
Actual device
to be tested
DUT on microstrip test jig
De-embedding embedded port interfaces
When it is unsafe to assume the above ideal interconnecting connectors cables or microstrip lines; for example to achieve greater accuracy or to remove known imperfections
in a test setup, we can choose instead to de-embed the interface networks on each measurement port. The PicoVNA software simply requires a full Touchstone .s2p file for the
embedded interfacing network on each port. Likewise, defined networks can be embedded into the measurement to achieve a desired simulated measurement. As for a calibration,
best accuracy will be achieved when the embedding network is defined at the same frequency points as the intended measurement. Unusually for a vector network analyzer, the
PicoVNA software will interpolate where necessary and possible.
Time-domain transmission and reflectometry measurements
Time-domain reflectometry is useful in the measurement of a
transmission line or component; in particular the distance-to-fault
location of any discontinuity due to connectors, damage or design error.
To achieve this, the PicoVNA software determines from its frequency-
domain measurements the time-domain response to a step input. Using
a sweep of harmonically related frequencies, an inverse fast Fourier
transform of reflected frequency data (S
11) gives the impulse response in
the time domain. The impulse response is then integrated to give the step
response. Reflected components of the step, occurring at measurable
delays after excitation, indicate the type of discontinuity and (assuming a
known velocity of propagation) the distance from the calibration plane.
A similar technique is used to derive a TDT (time-domain transmission)
signal from the transmitted signal data (S
21). This can be used to measure
the pulse response or transition time of amplifiers, filters and other
networks.
The PicoVNA software supports Hanning and Kaiser–Bessel lowpass
filtering on its time-domain IFFT conversions, preserving magnitude and
phase, and achieving best resolution. Marker readouts include magnitude, time, distance and line impedance in ohms. A DC-coupled DUT is essential to the method. The 8.5 GHz
bandwidth of the PicoVNA 108 supports time-domain pulse transition times down to 58.8 ps, with the PicoVNA 106 reaching 82.7 ps.
Time domain transmission step responses (top) and frequency responses (bottom) of two lowpass filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com