Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA430 Datasheet(PDF) 40 Page - Pico Technology Ltd.

Part # TA430
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA430 Datasheet(HTML) 40 Page - Pico Technology Ltd.

Back Button TA430 Datasheet HTML 34Page - Pico Technology Ltd. TA430 Datasheet HTML 35Page - Pico Technology Ltd. TA430 Datasheet HTML 36Page - Pico Technology Ltd. TA430 Datasheet HTML 37Page - Pico Technology Ltd. TA430 Datasheet HTML 38Page - Pico Technology Ltd. TA430 Datasheet HTML 39Page - Pico Technology Ltd. TA430 Datasheet HTML 40Page - Pico Technology Ltd. TA430 Datasheet HTML 41Page - Pico Technology Ltd. TA430 Datasheet HTML 42Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Check standards
Devices
Bandwidth
Return loss
Insertion loss
TA430 CHK-INS-MF insertable
TA431 CHK-NON-F noninsertable
0.3 to 8500 MHz
< –30 dB to > –6 dB
> –0.2 dB to < –1.9 dB Formed by 75 mm of 25 Ω mismatched line
Reference uncertainty
Reflection
Transmission
Freq. range Level range Mag. / phase
Level range
Mag. / phase
< 2 MHz
–15 dB to
0 dB
0.99 dB / 11.3°
0 dB to
+6 dB
0.57 dB / 8.5°
> 2 MHz
0.71 dB / 5.7°
0.28 dB / 2.8°
< 2 MHz
–25 dB to
–15 dB
1.13 dB / 14.1°
–40 dB to
0 dB
0.42 dB / 2.8°
> 2 MHz
1.41 dB / 8.5°
0.14 dB / 1.4°
< 2 MHz
–30 dB to
–25 dB
4.24 dB / 28.3°
–60 dB to
–40 dB
0.71 dB / 11.3°
> 2 MHz
3.54 dB / 21.2°
0.42 dB / 5.7°
< 2 MHz
–80 dB to
–60 dB
2.83 dB / 21.2°
> 2 MHz
2.12 dB / 17.0°
Ambient temperature 20 °C to 26 °C
These values are supplied with our Check Standard on USB
memory stick as uncertainty data file:
“Check Standard Reference Measurement Uncertainty.dat”.
The software installs the two uncertainty files.
Note: The Pico TA430 and TA431 check standards can be used in the performance verification of the PicoVNA but they have too much uncertainty to make a confident verification
to the full performance specification of the instrument. Nonetheless, the uncertainty of the verification, given in the result from the compare utility, may be low enough for the
application. If sufficient, the use of either TA430 or TA431, of course, significantly reduces ownership costs and increases the regularity with which a verification can be made.
Miscellaneous
PicoVNA 106
PicoVNA 108
Controlling PC data interface
USB 2.0
Support for third party test software Dynamic Link Library (DLL) as part of user interface software
External dimensions
286 mm L x 174 mm W x 61 mm H
Including connectors and feet
Weight
1.85 kg
1.9 kg
Temperature range (operating)
5 °C to 40 °C
Temperature range (storage)
−20 °C to +50 °C
Humidity
80% max, non-condensing
Vibration (storage)
0.5 g, 5 Hz to 300 Hz
Power supply voltage
+12 to +15 V DC
Power consumption
22 W
25 W
Power source connector
5.5 mm diameter hole, 2.1 mm diameter centre contact pin.
Centre pin is positive.
Controller (PicoVNA 3)
Microsoft Windows 7, 8 or 10 (32- and 64-bit)
Controller (PicoVNA 5)
Windows 8, 10 and 11 (64-bit), macOS 11 (and later), Linux
Safety
Conforms to EN 61010-1:2019 and EN 61010-2-030:2010
Warranty
3 years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com