Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA430 Datasheet(PDF) 19 Page - Pico Technology Ltd.

Part # TA430
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA430 Datasheet(HTML) 19 Page - Pico Technology Ltd.

Back Button TA430 Datasheet HTML 15Page - Pico Technology Ltd. TA430 Datasheet HTML 16Page - Pico Technology Ltd. TA430 Datasheet HTML 17Page - Pico Technology Ltd. TA430 Datasheet HTML 18Page - Pico Technology Ltd. TA430 Datasheet HTML 19Page - Pico Technology Ltd. TA430 Datasheet HTML 20Page - Pico Technology Ltd. TA430 Datasheet HTML 21Page - Pico Technology Ltd. TA430 Datasheet HTML 22Page - Pico Technology Ltd. TA430 Datasheet HTML 23Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Other I/O
Power (12 to 15 V DC, 25 W) and USB 2.0 control are located
on the rear panel. Trigger I/O for sweep synchronization and
10 MHz I/O for reference clock synchronization are available
on four BNC sockets.
Bias-Ts
Bias-Ts are often not provided, or available as costly extras, on other VNAs. Use the PicoVNA’s built-in bias-Ts to
provide a DC bias or test stimulus to active devices without the complexity and cost of external DC-blocks. The bias
is supplied from external power supplies or test sources routed to the SMB connectors next to each VNA port.
Use bias-Ts to power an active DUT
DUT
DC pwr
DC pwr
Use bias-Ts to power an active DUT
10 MHz reference in /out
USB host connection
+12 V to +15 V DC power
Power on/off switch
Sweep trigger in/out
Test cables, adaptors, calibration standards and measurement check standards
A range of high-integrity RF and microwave accessories are available from Pico Technology. Test cables and calibration standards strongly influence the overall performance of a
VNA, so we recommend that you select your accessories and perform your calibrations carefully.
Cables and standards are often the weakest links in a VNA measurement, generally contributing significantly to measurement uncertainty despite their traditionally high cost. At
the lowest levels of uncertainty, costs can be significant and measurements can be compromised by seemingly quite minor damage or wear. For these reasons, many customers
hold both premium-grade items for calibration, reference or measurement standards, and standard-grade items as working standards and cables. Pico Technology now offers cost-
effective solutions in both grades. In general we recommend PC3.5 interfaces for premium or reference use and SMA interfaces for working use.
10 MHz reference in/out
USB host connection
+12 V to +15 V DC power
Power on/off switch
Sweep trigger in/out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com