Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA430 Datasheet(PDF) 31 Page - Pico Technology Ltd.

Part # TA430
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA430 Datasheet(HTML) 31 Page - Pico Technology Ltd.

Back Button TA430 Datasheet HTML 27Page - Pico Technology Ltd. TA430 Datasheet HTML 28Page - Pico Technology Ltd. TA430 Datasheet HTML 29Page - Pico Technology Ltd. TA430 Datasheet HTML 30Page - Pico Technology Ltd. TA430 Datasheet HTML 31Page - Pico Technology Ltd. TA430 Datasheet HTML 32Page - Pico Technology Ltd. TA430 Datasheet HTML 33Page - Pico Technology Ltd. TA430 Datasheet HTML 34Page - Pico Technology Ltd. TA430 Datasheet HTML 35Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Save on trigger utility (PicoVNA 108 only)
Uniquely, benefiting from the fast measurement speed of the PicoVNA, save on trigger
provides a fast and convenient method for capture and display of measurement data
from multiple or changing device-under-test states. Think, for example, of variable
attenuators, digitally configured filters, phase shifters or variable-gain amplifiers. Think
also of devices under changing power supply, bias or environmental conditions, or even
of a multiplexed measurement of a number of devices in the production environment.
The PicoVNA can be set up to store up to 1024 triggered sweep measurements which
can then be inspected, reordered and saved to disk in a number of formats. The trigger
event can arrive on the external trigger input, or as a remote software trigger or a manual
key press.
Captured measurement sweeps can be selected for display which, by default, shows
one to four selected S-parameters across a maximum of 64 individually coloured traces,
all plotted over the band of operation. The plotted sweeps can be any subset of all the
captured sweeps and data can be normalized to one of the captured sweeps, which is
useful for examining changes from sweep to sweep.
The plots to the right show S
21 (magnitude and normalized magnitude in dB) for 16
states of a programmable step attenuator. The plot beneath and right plots S
21 and S11
at a user-selected frequency of 986 MHz. Here the horizontal axis plots measurement
sweep number, each in this case representing a unique state of the attenuator. All
four S-parameters can be displayed simultaneously in this way on the graphs. Using
a hardware external trigger and maximum resolution bandwidth, all the data for these
plots was captured within 1 second!
The captured sweep data can be saved to disk in a number
of formats, including Touchstone®, for use with third-party
applications. Data can be saved grouped by S-parameter, for
example. The file list on the right shows the files created for
the stepping attenuator. You simply enter the name Step_
Attn when saving the data, and the family of files shown is
automatically created. In each of these files each column
contains the S-parameter data for a given sweep. The first
column after the frequency column contains data from the
first sweep, the second has data from the second sweep and so on.
The data can also be saved for any single frequency within the sweep range used to
capture the data. There is also an option to save the entire dataset for later use.
Data can be saved to disk
ordered by S-parameter
Capture and inspect multiple traces of one or multiple s-parameters
These are S21 plots for sixteen 1 dB increments of a step attenuator
Capture and inspect multiple traces of one or multiple S-parameters. These are S21
plots for sixteen 1 dB increments of a step attenuator.
Normalize to one of your traces
Or plot a slice through your data at a single frequency.
These are S21 and S11 at 986.35 MHz
Normalize to one of your traces...
... or plot a slice through your data at a single frequency.
These are S21 and S
11 at 986.35 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com