Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA430 Datasheet(PDF) 12 Page - Pico Technology Ltd.

Part # TA430
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA430 Datasheet(HTML) 12 Page - Pico Technology Ltd.

Back Button TA430 Datasheet HTML 8Page - Pico Technology Ltd. TA430 Datasheet HTML 9Page - Pico Technology Ltd. TA430 Datasheet HTML 10Page - Pico Technology Ltd. TA430 Datasheet HTML 11Page - Pico Technology Ltd. TA430 Datasheet HTML 12Page - Pico Technology Ltd. TA430 Datasheet HTML 13Page - Pico Technology Ltd. TA430 Datasheet HTML 14Page - Pico Technology Ltd. TA430 Datasheet HTML 15Page - Pico Technology Ltd. TA430 Datasheet HTML 16Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Start-up on/off-line connect options
PicoVNA 5 automatically scans for and connects a local USB connected instrument. Whilst it
does so, opportunity to load files or connect a software emulated Demo device are presented
to the user. These access mechanisms are for those wishing to view or evaluate PicoVNA
5 software, or for students or hybrid and hardware share employees needing to process
files later and without a connected instrument. Networked or Internet remote instrument
connections are also established from here.
Existing PicoVNA instrument upgrade
The new PicoVNA 5 software unlocks and will continue to unlock new instrument communications and
capabilities. Pre-existing instruments will therefore require an embedded software upgrade. The need to
upgrade will be identified by the PicoVNA 5 application during the USB instrument connection process,
and it will seamlessly handle the whole boot loader process.
A small charge of $359, €329, £279 is made for this upgrade via an in-application purchase. PicoVNA 5
and its instrument communication are developed in the UK by AAI Robotics Ltd., of Cambridge. This is a
direct payment to AAI Robotics, made via the Stripe (www.stripe.com) global card or e-payments system.
PicoVNA 5: Game-changing new software for PicoVNA
On-going user-driven development
Guided by user and remote programmer feedback at every stage of the process, and using the latest Agile software development techniques, PicoVNA 5 is a ground-up, rapid-evolve
architecture. The UK design consortium (Pico Technology, LA Techniques and AAI Robotics) have defined and implemented PicoVNA 5 first release to be a fully functional but
foundational VNA feature set. We strongly believe that we will optimize our delivery of today’s user benefits only by releasing this foundation and by gaining your in-use feedback. It
is your priorities for further development that should then drive us; whether that be for new features, feature enhancements or full functional parity with its predecessor PicoVNA 3
software.
To help reset or shape our understanding of your needs, please find at the bottom right of the PicoVNA 5 user interface, the new Feedback tab. This has been included to
conveniently capture your in-the-moment commentary on the software. There is also a tool in which you can quickly compile your priority for the ongoing development program, and
make email or instant-messenger contact with the design team.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com