Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW77 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLW77
Description  HF/VHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW77 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLW77 Datasheet HTML 1Page - NXP Semiconductors BLW77 Datasheet HTML 2Page - NXP Semiconductors BLW77 Datasheet HTML 3Page - NXP Semiconductors BLW77 Datasheet HTML 4Page - NXP Semiconductors BLW77 Datasheet HTML 5Page - NXP Semiconductors BLW77 Datasheet HTML 6Page - NXP Semiconductors BLW77 Datasheet HTML 7Page - NXP Semiconductors BLW77 Datasheet HTML 8Page - NXP Semiconductors BLW77 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
August 1986
5
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW77
Fig.5 Typical values; Tj =25 °C.
handbook, halfpage
0
10
20
30
75
50
25
0
MGP524
hFE
IC (A)
5 V
VCE = 28 V
Fig.6 IE =Ie = 0; f = 1 MHz; Tj = 25 °C.
handbook, halfpage
0
Cc
(pF)
20
40
1500
500
0
1000
MGP525
VCB (V)
typ
Fig.7 VCB = 28 V; f = 100 MHz; Tj =25 °C.
handbook, full pagewidth
20
400
0
05
15
MGP526
10
−IE (A)
200
fT
(MHz)
typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com