Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW77 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLW77
Description  HF/VHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW77 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLW77 Datasheet HTML 7Page - NXP Semiconductors BLW77 Datasheet HTML 8Page - NXP Semiconductors BLW77 Datasheet HTML 9Page - NXP Semiconductors BLW77 Datasheet HTML 10Page - NXP Semiconductors BLW77 Datasheet HTML 11Page - NXP Semiconductors BLW77 Datasheet HTML 12Page - NXP Semiconductors BLW77 Datasheet HTML 13Page - NXP Semiconductors BLW77 Datasheet HTML 14Page - NXP Semiconductors BLW77 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
August 1986
11
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW77
Fig.15 R.F. SOAR; s.s.b. class-AB operation;
f1 = 28,000 MHz; f2 = 28,001 MHz;
VCE = 28 V; Rth mb-h = 0,2 K/W.
The graph shows the permissible output power under nominal
conditions (VSWR = 1) as a function of the expected VSWR during
short-time mismatch conditions with heatsink temperatures as
parameter.
handbook, halfpage
250
100
MGP532
110
102
150
200
PLnom
(W P.E.P.)
(VSWR = 1)
VSWR
90
°C
Th =
50
°C
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com