Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW77 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLW77
Description  HF/VHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW77 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLW77 Datasheet HTML 6Page - NXP Semiconductors BLW77 Datasheet HTML 7Page - NXP Semiconductors BLW77 Datasheet HTML 8Page - NXP Semiconductors BLW77 Datasheet HTML 9Page - NXP Semiconductors BLW77 Datasheet HTML 10Page - NXP Semiconductors BLW77 Datasheet HTML 11Page - NXP Semiconductors BLW77 Datasheet HTML 12Page - NXP Semiconductors BLW77 Datasheet HTML 13Page - NXP Semiconductors BLW77 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
August 1986
10
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW77
Fig.13 Power gain as a function of frequency.
VCE = 28 V; IC(ZS) = 100 mA; PL = 130 W; Th =25 °C;
ZL = 2,5 Ω; neutralizing capacitor: 150 pF.
handbook, halfpage
30
0
MGP533
110
102
10
20
f (MHz)
Gp
(dB)
Fig.14 Input impedance (series components) as a
function of frequency.
VCE = 28 V; IC(ZS) = 100 mA; PL = 130 W; Th =25 °C;
ZL = 2,5 Ω; neutralizing capacitor: 150 pF.
handbook, halfpage
7.5
0
MGP534
110
102
2.5
5
0
−3
−2
−1
ri
(
Ω)
f (MHz)
xi
ri
xi
(
Ω)
13 and 14 are typical curves and hold for a push-pull
amplifier with cross-neutralization in s.s.b class-AB
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com