Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW77 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLW77
Description  HF/VHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW77 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLW77 Datasheet HTML 4Page - NXP Semiconductors BLW77 Datasheet HTML 5Page - NXP Semiconductors BLW77 Datasheet HTML 6Page - NXP Semiconductors BLW77 Datasheet HTML 7Page - NXP Semiconductors BLW77 Datasheet HTML 8Page - NXP Semiconductors BLW77 Datasheet HTML 9Page - NXP Semiconductors BLW77 Datasheet HTML 10Page - NXP Semiconductors BLW77 Datasheet HTML 11Page - NXP Semiconductors BLW77 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
August 1986
8
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW77
1. Stated intermodulation distortion figures are referred
to the according level of either of the equal amplified
tones. Relative to the according peak envelope
powers these figures should be increased by 6 dB.
Fig.9
Intermodulation distortion as a function of
output power.(1.)
VCE = 28 V; IC(ZS) = 100 mA; f1 = 28,000 MHz;
f2 = 28,001 MHz; Th = 25 °C; typical values.
handbook, halfpage
0
100
50
150
−20
d3, d5
(dB)
−60
−40
MGP528
P.E.P. (W)
d5
d3
Fig.10 Double-tone efficiency and power gain as a
function of output power.
VCE = 28 V; IC(ZS) = 100 mA; f1 = 28,000 MHz;
f2 = 28,001 MHz; Th = 25 °C; typical values.
handbook, halfpage
0
50
100
150
60
40
ηdt
(%)
0
20
30
20
0
10
MGP529
P.E.P. (W)
ηdt
Gp
(dB)
Gp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com