Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW77 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLW77
Description  HF/VHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW77 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLW77 Datasheet HTML 3Page - NXP Semiconductors BLW77 Datasheet HTML 4Page - NXP Semiconductors BLW77 Datasheet HTML 5Page - NXP Semiconductors BLW77 Datasheet HTML 6Page - NXP Semiconductors BLW77 Datasheet HTML 7Page - NXP Semiconductors BLW77 Datasheet HTML 8Page - NXP Semiconductors BLW77 Datasheet HTML 9Page - NXP Semiconductors BLW77 Datasheet HTML 10Page - NXP Semiconductors BLW77 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
August 1986
7
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW77
List of components:
C1
=
27 pF ceramic capacitor (500 V)
C2
=
100 pF air dielectric trimmer (single insulated rotor type)
C3
=
180 pF polystyrene capacitor
C4
=
C6 = C9 = 100 nF polyester capacitor
C5
=
100 pF air dielectric trimmer (single non-insulated rotor type)
C7
=
C8 = 3,9 nF ceramic capacitor
C10
=
2,2
µF moulded metallized polyester capacitor
C11
=
2
× 180 pF polysterene capacitors in parallel
C12
=
3
× 56 pF and 33 pF ceramic capacitors in parallel (500 V)
C13
=
4
× 56 pF and 68 pF ceramic capacitors in parallel (500 V)
C14
=
360 pF air dielectric trimmer (single insulated rotor type)
C15
=
360 pF air dielectric trimmer (single non-insulated rotor type)
L1
=
88 nH; 3 turns Cu wire (1,0 mm); int. dia. 9,0 mm; length 6,1 mm; leads 2
× 7 mm
L2
=
L4 = Ferroxcube wide-band h.f. choke, grade 3B (cat. no. 4312 020 36640)
L3
=
L5 = 80 nH; 2,5 turns closely wound enamelled Cu wire (1,6 mm); int. dia. 10,0 mm; leads 2
× 7mm
R1
=
470
Ω wirewound resistor (5,5 W)
R2
=
4,7
Ω wirewound potentiometer (3 W)
R3
=
0,55
Ω; parallel connection of 4 × 2,2 Ω carbon resistors (± 5%; 0,5 W each)
R4
=
45
Ω; parallel connection of 4 × 180 Ω wirewound resistors (5,5 W each)
R5
=
56
Ω (± 5%) carbon resistor (0,5 W)
R6
=
27
Ω (± 5%) carbon resistor (0,5 W)
R7
=
4,7
Ω (± 5%) carbon resistor (0,5 W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com