Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW77 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLW77
Description  HF/VHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW77 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLW77 Datasheet HTML 2Page - NXP Semiconductors BLW77 Datasheet HTML 3Page - NXP Semiconductors BLW77 Datasheet HTML 4Page - NXP Semiconductors BLW77 Datasheet HTML 5Page - NXP Semiconductors BLW77 Datasheet HTML 6Page - NXP Semiconductors BLW77 Datasheet HTML 7Page - NXP Semiconductors BLW77 Datasheet HTML 8Page - NXP Semiconductors BLW77 Datasheet HTML 9Page - NXP Semiconductors BLW77 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
August 1986
6
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW77
APPLICATION INFORMATION
R.F. performance in s.s.b. class-AB operation (linear power amplifier)
VCE = 28 V; Th = 25 °C; f1 = 28,000 MHz; f2 = 28,001 MHz
OUTPUT POWER
Gp
ηdt (%)
IC (A)
d3
d5
IC(ZS)
W
dB
at 130 W P.E.P.
dB
dB
A
15 to 130 (P.E.P.)
> 12
> 37,5
< 6,2
<−30
<−30
0,1
Fig.8 Test circuit; s.s.b. class-AB.
handbook, full pagewidth
50
Ω
MGP527
50
Ω
C8
C7
C10
R7
C9
R3
L2
L1
R6
L5
T.U.T.
BD228
BD443
L3
L4
C13
C12
C11
C14
C15
C2
C1
C3
C4
R2
R5
R1
R4
C6
C5
+VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com