Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW77 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLW77
Description  HF/VHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW77 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLW77 Datasheet HTML 1Page - NXP Semiconductors BLW77 Datasheet HTML 2Page - NXP Semiconductors BLW77 Datasheet HTML 3Page - NXP Semiconductors BLW77 Datasheet HTML 4Page - NXP Semiconductors BLW77 Datasheet HTML 5Page - NXP Semiconductors BLW77 Datasheet HTML 6Page - NXP Semiconductors BLW77 Datasheet HTML 7Page - NXP Semiconductors BLW77 Datasheet HTML 8Page - NXP Semiconductors BLW77 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
August 1986
4
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW77
CHARACTERISTICS
Tj =25 °C unless otherwise specified
Notes
1. Measured under pulse conditions: tp ≤ 300 µs; δ≤ 0,02.
2. Measured under pulse conditions: tp ≤ 50 µs; δ≤ 0,01.
Collector-emitter breakdown voltage
VBE = 0; IC = 50 mA
V(BR) CES
>
70 V
Collector-emitter breakdown voltage
open base; IC = 100 mA
V(BR) CEO
>
35 V
Emitter-base breakdown voltage
open collector; IE = 20 mA
V(BR)EBO
>
4V
Collector cut-off current
VBE = 0; VCE = 35 V
ICES
<
20 mA
D.C. current gain(1)
IC = 7 A; VCE =5 V
hFE
15 to 80
D.C. current gain ratio of matched devices(1)
IC = 7 A; VCE =5 V
hFE1/hFE2
<
1,2
Collector-emitter saturation voltage(1)
IC = 20 A; IB =4 A
VCEsat
typ.
2 V
Transition frequency at f = 100 MHz(2)
−IE = 7 A; VCB = 28 V
fT
typ.
320 MHz
−I
E = 20 A; VCB = 28 V
fT
typ.
300 MHz
Collector capacitance at f = 1 MHz
IE =Ie = 0; VCB = 28 V
Cc
typ.
255 pF
Feedback capacitance at f = 1 MHz
IC = 100 mA; VCE = 28 V
Cre
typ.
175 pF
Collector-flange capacitance
Ccf
typ.
3 pF
Fig.4 Typical values; VCE = 20 V.
handbook, halfpage
1.5
0.5
1
10
1
10−1
10−2
MGP523
VBE (V)
IC
(A)
Th = 70 °C
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com