Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLW77 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLW77
Description  HF/VHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW77 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLW77 Datasheet HTML 8Page - NXP Semiconductors BLW77 Datasheet HTML 9Page - NXP Semiconductors BLW77 Datasheet HTML 10Page - NXP Semiconductors BLW77 Datasheet HTML 11Page - NXP Semiconductors BLW77 Datasheet HTML 12Page - NXP Semiconductors BLW77 Datasheet HTML 13Page - NXP Semiconductors BLW77 Datasheet HTML 14Page - NXP Semiconductors BLW77 Datasheet HTML 15Page - NXP Semiconductors BLW77 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
August 1986
12
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW77
R.F. performance in c.w. operation (unneutralized common-emitter class-B circuit); Th =25 °C
List of components:
Component layout and printed-circuit board for 87,5 MHz test circuit are shown in Fig.17.
f (MHz)
VCE (V)
PL (W)
PS (W)
Gp (dB)
IC (A)
η (%)
zi (Ω)
YL (mS)
87,5
28
130
typ. 23,2
typ. 7,5
typ. 6,2
typ. 75
0,62
+ j0,73
273
− j42
C1
=
4 to 40 pF film dielectric trimmer (cat. no. 2222 809 07008)
C2
=
C9 = C10 = 7 to 100 pF film dielectric trimmer (cat. no. 2222 809 07015)
C3
=
C8 = 22 pF ceramic capacitor (500 V)
C4
=
4
× 82 pF ceramic capacitors in parallel (500 V)
C5
=
390 pF polystyrene capacitor
C6
=
220 nF polyester capacitor
C7a
=
2
× 10 pF ceramic capacitors in parallel (500 V)
C7b
=
2
× 8,2 pF ceramic capacitors in parallel (500 V)
L1
=
25 nH; 2 turns Cu wire (1,6 mm); int. dia. 5,0 mm; length 4,6 mm; leads 2
× 5 mm
L2
=
L5 = 2,4 nH; strip (12 mm
× 6 mm); tap for L4 and L6 at 5 mm from transistor
L3
=
L7 = Ferroxcube wide-band h.f. choke, grade 3B (cat. no. 4312 020 36640)
L4
=
100 nH; 7 turns closely wound enamelled Cu wire (0,5 mm); int. dia. 3 mm; leads 2
× 5 mm
L6
=
46 nH; 2 turns Cu wire (2,0 mm); int. dia. 9,0 mm; length 6,0 mm; leads 2
× 5 mm
L8
=
44 nH; 2 turns Cu wire (2,0 mm); int. dia. 9,0 mm; length 6,7 mm; leads 2
× 5 mm
L2 and L5 are strips on a double Cu-clad printed-circuit board with epoxy fibre-glass dielectric.
R1
=
10
Ω (± 10%) carbon resistor
R2
=
10
Ω (± 10%) carbon resistor
Fig.16 Test circuit; c.w. class-B.
handbook, full pagewidth
C9
50
Ω
50
Ω
MGP535
,,
,,
,,
C1
C2
C3
C4
C5
C6
R2
R1
C8
C7ab
C10
L1
L2
L4
L3
L5
L8
T.U.T.
L6
L7
+VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com