Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1621 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1621
Description  Constant-Frequency, Current-Mode Step-Up DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1621 Datasheet(HTML) 4 Page - Analog Devices

  ADP1621 Datasheet HTML 1Page - Analog Devices ADP1621 Datasheet HTML 2Page - Analog Devices ADP1621 Datasheet HTML 3Page - Analog Devices ADP1621 Datasheet HTML 4Page - Analog Devices ADP1621 Datasheet HTML 5Page - Analog Devices ADP1621 Datasheet HTML 6Page - Analog Devices ADP1621 Datasheet HTML 7Page - Analog Devices ADP1621 Datasheet HTML 8Page - Analog Devices ADP1621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADP1621
Rev. A | Page 4 of 32
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
GATE DRIVER
GATE Rise Time9
tR
CGATE = 3.3 nF
17
ns
GATE Fall Time9
tF
CGATE = 3.3 nF
13
ns
1 The maximum input voltage is the shunt regulation voltage, which is typically 5.5 V and can range from 5.3 V to 6.0 V over the specified temperature range.
2 The ADP1621 is tested in a feedback servo loop, which servos VFB to the internal reference voltage. The voltage change in FB is measured while VIN is changed from
2.9 V to 5 V. The line regulation is calculated by (∆VFB/VFB) × 100%/∆VIN.
3 The ADP1621 is tested in a feedback servo loop, which servos VFB to the internal reference voltage, and VCOMP is forced from 1.4 V to 1.5 V. The VCOMP range is
(1.0 V ≤ VCOMP ≤ 2.0 V).
4 The peak slope-compensation current at the CS pin is typically 70 μA, and effectively clamped at 116 mV. Thus, RS should not exceed 1.6 kΩ (116 mV/70 μA).
5 Guaranteed by design for thermal shutdown. When the thermal junction temperature of the ADP1621 reaches approximately 150°C, the ADP1621 goes into thermal
shutdown and the GATE voltage is pulled low. When the junction temperature drops below about 140°C, the soft start sequence is initiated and the ADP1621 resumes
normal operation.
6 fOSC is the natural oscillation frequency, fSYNC is the synchronization frequency, and fSW is the switching frequency. If synchronization is used, then fSW = fSYNC; otherwise, fSW = fOSC.
7 Guaranteed by design and bench characterization.
8 To ensure proper synchronization operation, set the synchronization frequency, fSYNC, to 1.2× of the free-running frequency, fOSC. Although the switching frequency can
be synchronized to as high as 1.8 MHz, the peak slope-compensation current decreases at higher synchronization frequencies. It is recommended that the maximum
fSYNC be less than 1.4× of fOSC and should not exceed 1.8 MHz. The slope-compensation resistor, RS, should be chosen for the synchronization frequency (see the Slope
Compensation section in the Application Information: Boost Converter section).
9 GATE rise and fall times are measured from 10% to 90% levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com