Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1621 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1621
Description  Constant-Frequency, Current-Mode Step-Up DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1621 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1621 Datasheet HTML 9Page - Analog Devices ADP1621 Datasheet HTML 10Page - Analog Devices ADP1621 Datasheet HTML 11Page - Analog Devices ADP1621 Datasheet HTML 12Page - Analog Devices ADP1621 Datasheet HTML 13Page - Analog Devices ADP1621 Datasheet HTML 14Page - Analog Devices ADP1621 Datasheet HTML 15Page - Analog Devices ADP1621 Datasheet HTML 16Page - Analog Devices ADP1621 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ADP1621
Rev. A | Page 13 of 32
CURRENT LIMIT
SETTING THE OSCILLATOR FREQUENCY AND
SYNCHRONIZATION FREQUENCY
The current limit is achieved by the COMP voltage clamp, owing
to the current-mode operation of the ADP1621. A detailed
explanation of how the current limit is determined can be found
in the Current Limit section of the Application Information:
Boost Converter section.
The free-running oscillator frequency, fOSC, is set by a resistor
from FREQ to GND. A 100 kΩ resistor sets the typical oscillator
frequency to 200 kHz, a 65 kΩ resistor sets it to 325 kHz, a 32 kΩ
resistor sets it to 600 kHz, and a 10 kΩ resistor sets it to 1.5 MHz.
Figure 30 shows a typical relationship between fOSC and RFREQ.
UNDERVOLTAGE LOCKOUT
1600
0
0
200
RFREQ (kΩ)
1500
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
20
40
60
80
100
120
140
160
180
An internal undervoltage lockout (UVLO) circuit at the IN pin
holds the GATE voltage low when the IN voltage is below the
UVLO voltage, which is typically 2.5 V.
SHUTDOWN
The ADP1621 goes into shutdown approximately 50 μs after the
SDSN pin is pulled low or left floating. There is an internal 100 kΩ
resistor connected between SDSN and GND.
When the junction temperature of the ADP1621 reaches about
150°C, the ADP1621 goes into thermal shutdown and the GATE
voltage is pulled low. When the junction temperature drops below
about 140°C, the ADP1621 resumes normal operation after the
soft start sequence.
SOFT START
Figure 30. fOSC vs. RFREQ
The ADP1621 has an internal soft start circuit that ramps
the FB regulation voltage from 0 V to 1.215 V in 64 steps over
2048 clock oscillator cycles. This soft start ramp allows the
output voltage to slowly rise to the steady-state output voltage,
preventing input inrush current at startup.
The switching frequency can be synchronized to an external clock
by driving the SDSN pin with that clock signal. The SDSN pin
serves the two functions of shutdown control and frequency
synchronization input. If the SDSN input detects a low-to-high
transition within 10 μs of a high-to-low transition, it resets the
oscillator to synchronize to the frequency of the signal at SDSN.
The ADP1621 only synchronizes to frequencies greater than the
free-running switching frequency. To ensure proper synchronization
operation, set the synchronization frequency, fSYNC, to 1.2× the free-
running frequency, fOSC. The switching frequency, fSW, is equal to
fSYNC. Although the switching frequency can be synchronized to as
high as 1.8 MHz, the peak slope-compensation current decreases at
higher fSYNC. It is recommended that the maximum fSYNC be less than
1.4× of fOSC. The slope-compensation resistor, RS, should be chosen
for the synchronization frequency (see the Slope Compensation
section). For SDSN to detect a high input, the high state must
remain high for at least 100 ns.
INTERNAL SHUNT REGULATORS
The IN and PIN pins each have an internal shunt regulator that
allows the ADP1621 to operate over a wide input voltage range.
The shunt regulators limit the voltages at IN and PIN to about
5.5 V, allowing the use of logic-level MOSFETs independent of
the input and/or output voltage. The shunt regulator voltage can
reach 5.7 V at 10 mA. See Figure 9 for the I-V characteristics of
these shunt regulators.
The internal power is derived from the IN pin, whereas the
MOSFET gate driver (GATE) current comes from the power
input, PIN. By separating the two inputs, PIN can be driven
with an external small-signal NPN transistor to limit the power
loss in the PIN shunt regulator when the input voltage is higher
than 5.5 V. See Figure 37 for an example. The maximum currents
going into PIN and IN should not exceed 35 mA and 25 mA,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com