Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1621 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1621
Description  Constant-Frequency, Current-Mode Step-Up DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1621 Datasheet(HTML) 5 Page - Analog Devices

  ADP1621 Datasheet HTML 1Page - Analog Devices ADP1621 Datasheet HTML 2Page - Analog Devices ADP1621 Datasheet HTML 3Page - Analog Devices ADP1621 Datasheet HTML 4Page - Analog Devices ADP1621 Datasheet HTML 5Page - Analog Devices ADP1621 Datasheet HTML 6Page - Analog Devices ADP1621 Datasheet HTML 7Page - Analog Devices ADP1621 Datasheet HTML 8Page - Analog Devices ADP1621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ADP1621
Rev. A | Page 5 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
IN to GND
−0.3 V to VSHUNT
FB, COMP, SDSN, FREQ, GATE to GND
−0.3 V to (VIN + 0.3 V)
CS to GND
−5 V to +33 V
PIN to PGND
−0.3 V to VSHUNT
Supply Current into IN
25 mA
Supply Current into PIN
35 mA
Storage Temperature Range
−55°C to +150°C
Junction Operating Temperature Range1
−55°C to +150°C
Junction Storage Temperature Range
−55°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Package Power Dissipation1
(TJ,MAX − TA)/θJA
1In applications where high power dissipation and poor package thermal
resistance are present, the maximum ambient temperature may need to be
derated. Maximum ambient temperature (TA,MAX) is dependent on the
maximum operating junction temperature (TJ,MAX = 150oC), the maximum
power dissipation of the device in the application (PD,MAX), and the junction-
to-ambient thermal resistance of the package in the application (θJA), is given
by the following equation: TA,MAX = TJ,MAX --- (θJA x PD,MAX).
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all other voltages are
referenced to GND.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
10-lead MSOP on a 2-layer PCB
200
°C/W
10-lead MSOP on a 4-layer PCB
172
°C/W
Junction-to-ambient thermal resistance of the package is based
on modeling and calculation using 2-layer and 4-layer boards,
and natural convection. The junction-to-ambient thermal
resistance is application- and board-layout dependent. In
applications where high maximum power dissipation exists,
attention to thermal dissipation issues in board design is
required.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com