Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1621 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1621
Description  Constant-Frequency, Current-Mode Step-Up DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1621 Datasheet(HTML) 1 Page - Analog Devices

  ADP1621 Datasheet HTML 1Page - Analog Devices ADP1621 Datasheet HTML 2Page - Analog Devices ADP1621 Datasheet HTML 3Page - Analog Devices ADP1621 Datasheet HTML 4Page - Analog Devices ADP1621 Datasheet HTML 5Page - Analog Devices ADP1621 Datasheet HTML 6Page - Analog Devices ADP1621 Datasheet HTML 7Page - Analog Devices ADP1621 Datasheet HTML 8Page - Analog Devices ADP1621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Constant-Frequency, Current-Mode
Step-Up DC/DC Controller
ADP1621
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
92% efficiency (no sense resistor required)
±1.0% initial accuracy
IC supply voltage range: 2.9 V to 5.5 V
Power-input voltage as low as 1.0 V
Capable of high supply input voltage (>5.5 V)
with an external NPN or a resistor
VIN UVLO and 35 mA shunt regulator
External slope compensation with 1 resistor
Programmable operating frequency
(100 kHz to 1.5 MHz) with 1 resistor
Lossless current sensing for switch-node voltage <30 V
Resistor current sensing for switch-node voltage >30 V
Synchronizable to external clock
Current-mode operation for excellent line and load transient
responses
10 μA shutdown current
Current limit and thermal overload protection
Soft start in 2048 clock cycles
APPLICATIONS
APD bias
Portable electronic equipment
Isolated dc/dc converter
Step-up/step-down dc/dc converter
LED driver for laptop computer and navigation system
LCD backlighting
GENERAL DESCRIPTION
The ADP1621 is a fixed-frequency, pulse-width modulation
(PWM), current-mode, step-up converter controller. It drives an
external n-channel MOSFET to convert the input voltage to a
higher output voltage. The ADP1621 can also be used to drive
flyback, SEPIC, and forward converter topologies, either isolated
or nonisolated.
The ADP1621 eliminates the use of a current-sense power
resistor by measuring the voltage drop across the on resistance
of the n-channel MOSFET. This technique, allowed up to a
maximum voltage of 30 V at the switch node, maximizes
efficiency and reduces cost. For switch-node voltages higher than
30 V or for more accurate current limiting, the CS pin can be
connected to a current-sense resistor in the source of the MOSFET.
The slope compensation is implemented by an external resistor,
allowing a wide range of external components (inductors and
MOSFETs), and can be chosen for various switching frequencies
and input and output voltages.
The ADP1621 supply input voltage range is 2.9 V to 5.5 V, although
higher input voltages are possible with the use of a small-signal
TYPICAL APPLICATION CIRCUIT
ADP1621
IN
GATE
PGND
AGND
FB
SDSN
COMP
FREQ
GND
PIN
CS
R1
35.7kΩ
1%
R2
11.5kΩ
1%
C1
47µF
6.3V
L1
4.7µH
M1
CCOMP
1.8nF
COUT1
1µF
10V
fOSC = 600kHz
C1 = MURATA GRM31CR60J476M
COUT3 = SANYO POSCAP 6TPE150M
L1 = TOKO FDV0630-4R7M
M1 = VISHAY Si7882DP
D1 = VISHAY SSA33L
RS
80Ω
COUT2
10µF
10V
RFREQ
31.6kΩ
1%
COUT3
150µF
6.3V
×2
VOUT = 5V
1A
VIN = 3.3V
D1
C3
1µF
10V
C4
0.1µF
10V
C2
120pF
RCOMP
9.09kΩ
Figure 1. High Efficiency Output Boost Converter in Lossless Mode,
3.3 V Input, 5 V Output (Bootstrapped)
100
30
0.01
10
LOAD CURRENT (A)
90
80
70
60
50
40
0.1
1
Figure 2. Efficiency of Circuit Shown in Figure 1
NPN pass transistor or a single resistor. The voltage of the
power input can be as low as 1 V for fuel cell applications. The
switching frequency is set by an external resistor over a range of
100 kHz to 1.5 MHz and can be synchronized to an external
clock by using the SDSN pin. The shutdown quiescent current is
less than 10 μA. The ADP1621 has a thermal shutdown feature
that shuts down the gate driver when the junction temperature
reaches approximately 150°C. The internal soft start circuit limits
inrush current at startup. The ADP1621 is available in the 10-lead
MSOP lead-free package and is specified over the −40°C to +125°C
junction temperature range.


Similar Part No. - ADP1621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1621 AD-ADP1621 Datasheet
851Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC-to-DC Controller
Rev. D
ADP1621-EVAL AD-ADP1621-EVAL Datasheet
851Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC-to-DC Controller
Rev. D
ADP1621ARMZ-R7 AD-ADP1621ARMZ-R7 Datasheet
851Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC-to-DC Controller
Rev. D
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
ADP1621 AD-ADP1621_V01 Datasheet
851Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC-to-DC Controller
Rev. D
More results

Similar Description - ADP1621

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1872 LINER-LTC1872 Datasheet
182Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
Dual Constant Frequency Current Mode Step-Down DC/DC Controller
logo
Analog Devices
ADP1864 AD-ADP1864 Datasheet
264Kb / 16P
Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
10/05-Revision 0
logo
Linear Technology
LTC1772 LINER-LTC1772_1 Datasheet
167Kb / 12P
Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1872B LINER-LTC1872B Datasheet
199Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
logo
Analog Devices
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
logo
Linear Technology
LTC1872 LINER-LTC1872_15 Datasheet
193Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
Dual Constant Frequency Current Mode Step-Down DC/DC Controller
logo
Analog Devices
ADP1621 AD-ADP1621_V01 Datasheet
851Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC-to-DC Controller
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com