Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1621 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1621
Description  Constant-Frequency, Current-Mode Step-Up DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1621 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1621 Datasheet HTML 10Page - Analog Devices ADP1621 Datasheet HTML 11Page - Analog Devices ADP1621 Datasheet HTML 12Page - Analog Devices ADP1621 Datasheet HTML 13Page - Analog Devices ADP1621 Datasheet HTML 14Page - Analog Devices ADP1621 Datasheet HTML 15Page - Analog Devices ADP1621 Datasheet HTML 16Page - Analog Devices ADP1621 Datasheet HTML 17Page - Analog Devices ADP1621 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADP1621
Rev. A | Page 14 of 32
APPLICATION INFORMATION: BOOST CONVERTER
In this section, an analysis of a boost converter is presented,
along with guidelines for component selection. A typical boost-
converter application circuit is shown in Figure 1.
DUTY CYCLE
To determine the worst-case inductor current ripple, output voltage
ripple, and slope-compensation factor, it is first necessary to
determine the system duty cycle. The duty cycle in continuous
conduction mode (CCM) is calculated by the equation
D
OUT
IN
D
OUT
V
V
V
V
V
D
+
−
+
=
(1)
where VOUT is the desired output voltage, VIN is the input
voltage, and VD is the forward-voltage drop of the diode. A
typical Schottky diode has a forward-voltage drop of 0.5 V.
The GATE minimum on and off times determine the minimum
and maximum duty cycles, respectively. The minimum on and
off times are typically 180 ns and 190 ns, respectively. The
minimum and maximum duty cycles are given by
SW
MIN
ON
SW
MIN
ON
MIN
f
t
t
t
D
×
=
=
,
,
(2)
)
(
1
1
,
,
SW
MIN
OFF
SW
MIN
OFF
MAX
f
t
t
t
D
×
−
=
−
=
(3)
where DMIN is the minimum duty cycle, DMAX is the maximum duty
cycle, tON,MIN is the minimum on time, tOFF,MIN is the minimum off
time, tSW is the switching period, and fSW is the switching frequency.
Note that when the converter tries to operate at a duty cycle
lower than DMIN, pulse-skipping modulation occurs to maintain
the output voltage regulation (see the Light Load Operation
section).
SETTING THE OUTPUT VOLTAGE
The output voltage is set through a voltage divider from the
output voltage to the FB input. The feedback resistor ratio sets
the output voltage of the system. The regulation voltage at FB is
1.215 V. The output voltage is given by (see Figure 1)
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
R2
R1
V
OUT
1
V
215
.
1
(4)
The input bias current into FB is 25 nA typical, 70 nA
maximum. For a 0.1% degradation in regulation voltage and
with 70 nA bias current, R2 must be less than 18 kΩ, which
results in 68 μA of divider current. Choose the value of R1 to set
the output voltage. Using higher values for R2 results in reduced
output voltage accuracy due to the input bias current at the FB
pin, whereas lower values cause increased quiescent current
consumption.
INDUCTOR CURRENT RIPPLE
Choose a peak-to-peak inductor ripple current between 20%
and 40% of the average inductor current. A good starting point
for a design is to choose the peak-to-peak ripple current to be
30% of 1/(1 − D) times the maximum load current:
D
I
I
MAX
LOAD
L
−
×
=
Δ
1
3
.
0
,
(5)
where ΔIL is the peak-to-peak inductor ripple current, and ILOAD,MAX
is the maximum load current required by the application.
INDUCTOR SELECTION
The inductor value choice is important because it dictates
the inductor current ripple and therefore the voltage ripple
at the output.
The average inductor current, IL,AVE, is given by
D
I
I
LOAD
AVE
L
−
=
1
,
(6)
and the peak-to-peak inductor ripple current is inversely
proportional to the inductor value:
L
f
D
V
I
SW
IN
L
×
×
=
Δ
(7)
where fSW is the switching frequency, and L is the inductor value.
Assuming continuous conduction mode (CCM) operation, the
peak inductor current is given by
L
f
D
V
D
I
I
D
I
I
SW
IN
LOAD
L
LOAD
PK
L
×
×
×
+
−
=
Δ
+
−
=
2
1
2
1
,
(8)
Smaller inductor values are typically smaller in size and usually
less expensive, but increase the ripple current. Larger ripple current
also increases the power loss in the inductor core. Too large an
inductor value results in added expense and may impede load
transient responses because it reduces the effect of slope
compensation.
Assuming the ripple current is 30% of 1/(1 − D) times the max-
imum load current, a reasonable choice for the inductor value is
(
)
MAX
LOAD
SW
IN
I
f
D
D
V
L
,
3
.
0
1
×
×
−
×
×
=
(9)
From this starting point, modify the inductance to obtain the
right balance of size, cost, and output voltage ripple while
maintaining the inductor ripple current between 20% and 40%
of 1/(1 − D) times the maximum load current. Keep in mind
that the inductor saturation current must be greater than the
peak inductor current. Magnetically shielded inductors are
generally recommended, although they cost slightly more than
unshielded inductors.
Also, losses due to the inductor winding resistance reduce the
efficiency of the boost converter. This power loss is given by
W
LOAD
W
L
R
D
I
P
×
⎟
⎠
⎞
⎜
⎝
⎛
−
=
2
,
1
(10)
where PL,W is the power dissipation in the winding of the
inductor, and RW is the winding resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com