Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1621 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1621
Description  Constant-Frequency, Current-Mode Step-Up DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1621 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1621 Datasheet HTML 8Page - Analog Devices ADP1621 Datasheet HTML 9Page - Analog Devices ADP1621 Datasheet HTML 10Page - Analog Devices ADP1621 Datasheet HTML 11Page - Analog Devices ADP1621 Datasheet HTML 12Page - Analog Devices ADP1621 Datasheet HTML 13Page - Analog Devices ADP1621 Datasheet HTML 14Page - Analog Devices ADP1621 Datasheet HTML 15Page - Analog Devices ADP1621 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADP1621
Rev. A | Page 12 of 32
THEORY OF OPERATION
The ADP1621 is a fixed-frequency, current-mode, step-up dc/dc
converter controller. It drives an external n-channel MOSFET
to step the input voltage up to a higher output voltage. It can be
used for SEPIC, flyback, boost, buck-boost, forward, and other
converter topologies. It operates at a fixed switching frequency that
is set by an external resistor over a range of 100 kHz to 1.5 MHz,
and it can be synchronized to an external clock by connecting
the SDSN pin to the clock.
The input supply current to the ADP1621 is less than 3 mA
during normal operation and less than 10 μA during shutdown.
The ADP1621 can drive large external MOSFETs, allowing it to
support load currents in excess of 10 A.
CONTROL LOOP
The ADP1621 uses a current-mode architecture to regulate the
output voltage. The output voltage is monitored at FB through
a resistive voltage divider. The voltage at FB is compared to the
internal 1.215 V reference voltage by the internal transconductance
error amplifier to create an error current at COMP. A resistor-
capacitor compensation impedance connected from COMP to
GND converts the error current to an error voltage.
At the beginning of the switching cycle, the MOSFET is turned
on and the inductor current ramps up. The MOSFET current is
measured and converted to a voltage using RCS or RDSON and is
added to the stabilizing slope-compensation ramp. The resulting
voltage sum passes through the current-sense amplifier to generate
the current-sense voltage. When the current-sense voltage is
greater than the COMP error voltage, the MOSFET is turned off
and the inductor current ramps down until the internal clock
initiates the next switching cycle. The duty-cycle of the PWM
modulator is thus adjusted to provide the necessary load current
at the desired output voltage. Because the output voltage ultimately
controls the peak inductor current through the COMP error
voltage, this scheme is referred to as peak current-mode control.
With light loads, the converter can also operate under discon-
tinuous conduction mode and pulse-skipping modulation to
maintain output-voltage regulation. These two forms of operation
are discussed in detail in the Light Load Operation section.
Note that the converter can also be designed to operate in
discontinuous conduction mode at full load if desired.
Overall, the current-mode regulation system of the ADP1621
allows fast transient responses while maintaining a stable output
voltage. By selecting the proper resistor-capacitor network from
COMP to GND, the regulator response can be optimized for a
wide range of input voltages, output voltages, and load currents.
CURRENT-SENSE CONFIGURATIONS
The ADP1621 can sense the current across the on resistance of
the MOSFET to minimize external component count and improve
efficiency by eliminating the power that would be lost in a current-
sense resistor. This lossless technique eliminates the need for an
expensive current-sense resistor. In the lossless mode configuration,
the voltage at the CS pin (or the switch-node voltage at the drain of
the MOSFET) must not exceed 30 V (see Figure 28). This technique
maximizes efficiency and reduces cost. In practice, when the
calculated VSW approaches 30 V, one should build the board and
measure the actual VSW before committing to the lossless mode
design. Because of the parasitic inductance in the diode, output
capacitor, and PCB traces, VSW typically has narrow peaks that
exceed the theoretical maximum voltage at VSW—the sum of
VOUT and the forward-voltage drop of Diode D1. If the measured
peak voltage exceeds 30 V, or if a more accurate current limit is
desired, then the CS pin can be connected to an external current-
sense resistor in the source of the MOSFET (Figure 29). The
maximum power output is limited by the selection of the
external components.
IN
GATE
SDSN
GND
PIN
CS
PGND
L
RS
D1
VIN
VOUT
VSW
CO
ADP1621
Figure 28. CS Pin Connection for VSW < 30 V, Lossless Mode
(No Current-Sense Resistor Needed)
IN
CS
SDSN
GND
PIN
GATE
PGND
L
RS
D1
VIN
VOUT
RCS
VSW
CO
ADP1621
Figure 29. CS Pin Connection for VSW > 30 V, Resistor Sense Mode
with a Current-Sense Resistor, RCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com