Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1621 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1621
Description  Constant-Frequency, Current-Mode Step-Up DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1621 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1621 Datasheet HTML 11Page - Analog Devices ADP1621 Datasheet HTML 12Page - Analog Devices ADP1621 Datasheet HTML 13Page - Analog Devices ADP1621 Datasheet HTML 14Page - Analog Devices ADP1621 Datasheet HTML 15Page - Analog Devices ADP1621 Datasheet HTML 16Page - Analog Devices ADP1621 Datasheet HTML 17Page - Analog Devices ADP1621 Datasheet HTML 18Page - Analog Devices ADP1621 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
ADP1621
Rev. A | Page 15 of 32
INPUT CAPACITOR SELECTION
The bulk input capacitor provides a low impedance path for the
inductor ripple current. Capacitor C1 in Figure 1 represents a
bulk input capacitor. Choose a bulk input capacitor whose
impedance at the switching frequency is lower than the
impedance of the voltage source VIN.
The preferred bulk input capacitor is a 10 μF to 100 μF ceramic
capacitor because it has low equivalent series resistance (ESR) and
low impedance. Aluminum electrolytic and aluminum polymer
capacitors can also be used as the bulk input capacitors. The bulk
input capacitor does not need to be placed very close to the IN
and PIN pins. Aluminum electrolytic capacitors are the cheapest
and generally have high ESR values, which increase dramatically at
temperatures less than 0°C. Some aluminum electrolytic capacitors
have ESR less than 20 mΩ, but their capacitances are generally
greater than 800 μF. Aluminum polymer capacitors are more
expensive than the aluminum electrolytic ones, but are generally
cheaper than the ceramic capacitors for the same amount of
capacitance. Polymer capacitors have relatively low ESR, with
some models having less than 10 mΩ.
Regardless of the type of capacitor used, make sure the ripple
current rating of the bulk input capacitor, ICIN,RMS, is greater than
2
3
1
,
L
RMS
CIN
I
I
Δ
×
=
(11)
where ΔIL is the peak-to-peak inductor ripple current.
In addition to the bulk input capacitor, a bypass input capacitor is
required. The function of the bypass capacitor is to locally filter the
input voltage to the ADP1621 and maintain the input voltage at a
steady value during switching transitions. The bypass capacitor is
typically a 0.1 μF or greater ceramic capacitor and should be placed
as close as possible to the IN and PIN pins of the ADP1621.
Capacitors C3 and C4 in Figure 1 represent the bypass capacitors.
OUTPUT CAPACITOR SELECTION
The output capacitor maintains the output voltage and supplies
current to the load while the external MOSFET is on.
The value and characteristics of the output capacitor greatly
affect the output voltage ripple and stability of the converter.
The amount of peak-to-peak output voltage ripple, ΔVOUT, can
be approximated by
×
⎟
⎠
⎞
⎜
⎝
⎛
Δ
+
−
≈
Δ
2
1
L
LOAD
OUT
I
D
I
V
()2
2
2
2
2
1
ESL
f
ESR
C
f
SW
OUT
SW
×
×
π
+
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
π
(12)
where ΔIL is the peak-to-peak inductor ripple current, fSW is the
switching frequency, COUT is the output capacitance, ESR is the
effective ESR of COUT, and ESL is the effective equivalent series
inductance of COUT.
Because the output capacitor is typically greater than 40 μF, the
ESR dominates the output capacitance impedance and thus the
output voltage ripple. The use of low ESR, ceramic dielectric
capacitors is preferred, although aluminum electrolytic,
tantalum, OS-CON™ (from Sanyo), and aluminum polymer
capacitors can be used. At higher switching frequencies, the ESL
of the output capacitor may also be a factor in determining the
output voltage ripple. Multiple capacitors can be connected in
parallel to reduce the effective ESR and ESL. Keep in mind that
the capacitance of a given capacitor typically degrades with
increased temperature and bias voltage. Consult the capacitor
manufacturer’s data sheet when determining the actual
capacitance of a capacitor under certain conditions.
Ensure that the output capacitor ripple current rating, ICOUT,RMS,
is greater than
D
D
I
I
LOAD
RMS
COUT
−
×
=
1
,
(13)
DIODE SELECTION
The diode conducts the inductor current to the output capacitor
and load while the MOSFET is off. The average diode current is
the load current:
LOAD
AVE
DIODE
I
I
=
,
(14)
The rms diode current in continuous conduction mode is given by
D
D
I
I
LOAD
RMS
DIODE
−
×
−
=
1
1
,
(15)
where D is the duty cycle.
The power dissipated in the diode is
LOAD
D
DIODE
I
V
P
×
=
(16)
where VD is the forward-voltage drop of the diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com