Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1621 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP1621
Description  Constant-Frequency, Current-Mode Step-Up DC/DC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1621 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP1621 Datasheet HTML 24Page - Analog Devices ADP1621 Datasheet HTML 25Page - Analog Devices ADP1621 Datasheet HTML 26Page - Analog Devices ADP1621 Datasheet HTML 27Page - Analog Devices ADP1621 Datasheet HTML 28Page - Analog Devices ADP1621 Datasheet HTML 29Page - Analog Devices ADP1621 Datasheet HTML 30Page - Analog Devices ADP1621 Datasheet HTML 31Page - Analog Devices ADP1621 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
ADP1621
Rev. A | Page 29 of 32
ADP1621
IN
CS
FB
AGND
PGND
SDSN
COMP
FREQ
GND
PIN
PWM
GATE
R1
8Ω
1/4W
150mA
20
LEDS
RB
800Ω
C1
2.2µF
25V
L1
33µH
M1
100V
CCOMP
390nF
fOSC = 400kHz
C1 = MURATA GRM31MR71E225K
COUT = MURATA GRM31CR72A105K
L1 = COILCRAFT MSS1038-333NL
M1 = VISHAY Si4482DY
D1 = IRF 10MQ100
RS
800Ω
COUT
1µF
100V
×3
RFREQ
50kΩ
1%
VOUT
VIN = 10V TO 16V
D1
100V
C3
0.1µF
C4
0.1µF
C2
18pF
RCOMP
101kΩ
RCS
3mΩ
Figure 41. 20-Series LED Driver with PWM at SDSN
ADP1621
IN
CS
FB
AGND
PGND
SDSN
COMP
FREQ
GND
PIN
PWM =
0V TO 4V
GATE
R1
8Ω
1/4W
R5
18kΩ
150mA
20
LEDS
RB
800Ω
C1
2.2µF
25V
L1
33µH
M1
100V
C5
0.1µF
6.3V
CCOMP
390nF
fOSC = 400kHz
C1 = MURATA GRM31MR71E225K
COUT = MURATA GRM31CR72A105K
L1 = COILCRAFT MSS1038-333NL
M1 = VISHAY Si4482DY
D1 = IRF 10MQ100
RS
800Ω
R2
10kΩ
R3
22.9kΩ
R4
10kΩ
COUT
1µF
100V
×3
RFREQ
50kΩ
1%
VOUT
VIN = 10V TO 16V
D1
100V
C3
0.1µF
C4
0.1µF
C2
10pF
RCOMP
101kΩ
RCS
3m
Figure 42. 20-Series LED Driver with Filtered PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com