Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1823ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP1823ACPZ-R7
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1823ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP1823ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADP1823
Rev. A | Page 28 of 32
Type III Compensation
Calculations
2
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
°
+
=
45
2
tan
B
φ
K
(85)
K
f
f
CO
Z =
(86)
K
f
f
CO
P =
(87)
Select RTOP between 1 kΩ and 10 kΩ. A good starting value is 2 kΩ.
V
0.6
V
0.6
−
×
=
OUT
TOP
BOT
V
R
R
(88)
Z
TOP
FF
f
R
C
π
2
1
=
(89)
P
FF
FF
f
C
R
π
2
1
=
(90)
FF
CO
FF
FF
R
f
C
Z
+
=
π
2
1
(91)
FILTER
MOD
COMP
A
A
A
−
−
= dB
0
(92)
()
⎟
⎠
⎞
⎜
⎝
⎛
×
=
20
10
COMP
A
FF
TOP
Z
Z
||
R
R
(93)
Z
Z
I
f
R
C
π
2
1
=
(94)
P
Z
HF
f
R
C
π
2
1
=
(95)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com